công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF2DL1000DA4/02 bảng dữ liệu(PDF) 34 Page - NXP Semiconductors

tên linh kiện MF2DL1000DA4/02
Giải thích chi tiết về linh kiện  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 bảng dữ liệu(HTML) 34 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 30Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 31Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 32Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 33Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 34Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 35Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 36Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 37Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
34 / 132
9.2.6 AuthenticateLRPNonFirst command
This section defines the LRP Non-First Authentication, which is recommended to be used
if LRP Secure Messaging is already active, see Table 17.
The authentication consists of two parts: AuthenticateLRPNonFirst - Part1 and
AuthenticateLRPNonFirst Part2. Detailed command definition can be found in
Section 11.4.4.
This command is rejected if there is no active LRP authentication, except if the targeted
key is the OriginalityKey.
For the rest, the behavior is exactly the same as for AuthenticateLRPFirst, except for the
following differences:
• PCDCap2 and PDCap2 are not exchanged and validated
• TI is not reset and not exchanged
• CmdCtr is not reset
Note that EncCtr is reset to zero also on AuthenticateLRPNonFirst.
After successful authentication, the PICC remains in LRP authenticated state, except if
the OriginalityKey was targeted. In that case, the PICC is in not authenticated state. On
any failure during the protocol, the PICC ends up in not authenticated state.
9.2.7 Session key generation
Next to the algorithms for MAC calculation and encryption, one of the major differences
between the LRP secure messaging and the AES secure messaging is that the
session keys are generated and already applied during the authentication with
AuthenticateLRPFirst or AuthenticateLRPNonFirst.
Also for the LRP protocol, two keys are generated:
• SesAuthMACKey for MACing of messages
• SesAuthENCKey for encryption and decryption of messages
During the authentication, the SesAuthMACKey is used for both AuthenticateLRPFirst
and AuthenticateLRPNonFirst. SesAuthENCKey is only used for AuthenticateLRPFirst.
Being LRP keys, this section shows how both the plain texts and the updated key [10]
related to these session keys are computed. In the remainder of the document, when
the session key is applied in the LRP context the combination of those plain texts and
updated key is meant.
The session key generation is according to NIST SP 800-108 [8] in counter mode.
The Pseudo Random Function PRF(key; message) applied during the key generation
is the CMAC algorithm on top of the LRP primitive. This is specified in [10], see
also Section 9.2.3. The key derivation key is the key Kx that was applied during
authentication. Note that from this key a set of plaintexts and updated key is computed,
so the static key is only used in this derivation. The generated session keys are AES
keys. The input data is constructed using the following fields as defined by [8]. Note that
NIST SP 800-108 allows defining a different order than proposed by the standard as long
as it is unambiguously defined.
• a 2-byte counter, fixed to 0001h as only 128-bit keys are generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com