công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF2DL1000DA4/02 bảng dữ liệu(PDF) 100 Page - NXP Semiconductors

tên linh kiện MF2DL1000DA4/02
Giải thích chi tiết về linh kiện  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 bảng dữ liệu(HTML) 100 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 96Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 97Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 98Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 99Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 100Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 101Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 102Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 103Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 104Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
100 / 132
11.8.8 WriteRecord
The WriteRecord command allows writing data to a record in the Cyclic File. The
WriteRecord command appends one record at the end of the file, it erases and
overwrites the oldest record in case if it is already full. The entire new record is cleared
before data is written to it. If no CommitTransaction command is sent after a WriteRecord
command, the next WriteRecord command to the same file writes to the already created
record. After sending a CommitTransaction command, a new WriteRecord command will
create a new record in the record file.
An AbortTransaction command invalidates all changes. After issuing a ClearRecordFile
command, but before a CommitTransaction / AbortTransaction command, a
WriteRecord command to the same record file will fail. Depending on the communication
mode settings, linked to the file, data needs to be sent by the PCD with either
CommMode.Plain, CommMode.MAC or CommMode.Full.
aaa-032219
PICC to PCD
PCD to PICC
CLA
90
CMD
8B
P1
00
P2
00
Lc
XX
1
1
1
1
1
Le
00
1
Response data
-
0
SW1
status
1
SW2
1
1
3
FileNr
3
Offset
Length
up to 64
Data
Figure 35.  WriteRecord command protocol
Table 108.  Command parameters description - WriteRecord
Name
Length
Value
Description
Command Header Parameters
Cmd
1
8Bh
Command code.
1
-
File number of the targeted file.
Bit 7-5
000b
RFU
FileNr
Bit 4-0
00h to 1Fh
File number
Offset
3
000000h ..
00000Fh
Starting position for the write operation within
the targeted record.
Length
3
000001h ..
(000010h -
Offset)
Number of bytes to be written.
Command Data Parameters
Data
up to 64
Full range
Data to be written.
Table 109.  Response data parameters description - WriteRecord
Name
Length
Value
Description
Response data 0
-
No response data
SW1SW2
2
9100h
91XXh
successful execution
Refer to Table 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com