công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF2DL1000DA4/02 bảng dữ liệu(PDF) 104 Page - NXP Semiconductors

tên linh kiện MF2DL1000DA4/02
Giải thích chi tiết về linh kiện  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 bảng dữ liệu(HTML) 104 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 100Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 101Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 102Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 103Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 104Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 105Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 106Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 107Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
104 / 132
11.8.10 ClearRecordFile
The command clears the Cyclic Record File. After successful execution of the
ClearRecordFile command the Cyclic Record File becomes empty. After executing the
ClearRecordFile command but before CommitTransaction, all subsequent WriteRecord
commands will fail. The ReadRecords command returns the old still valid records.
After the CommitTransaction command is issued, a ReadRecords command will fail,
WriteRecord commands will be successful. An AbortTransaction command (instead of
CommitTransaction) invalidates the clearance.
aaa-032221
PICC to PCD
PCD to PICC
CLA
90
CMD
EB
P1
00
P2
00
Lc
XX
1
1
1
1
1
1
Le
00
1
FileNr
Response data
-
0
SW1
status
1
SW2
1
Figure 37.  ClearRecordFile command protocol
Table 114.  Command parameters description - ClearRecordFile
Name
Length
Value
Description
Command Header Parameters
Cmd
1
EBh
Command code.
1
-
File number of the targeted file.
Bit 7-5
RFU
FileNr
Bit 4-0
00h to 1Fh
File number
Command Data Parameters
-
-
-
No data parameters
Table 115.  Response data parameters description - ClearRecordFile
Name
Length
Value
Description
Response
data
0
-
No response data
SW1SW2
2
9100h
91XXh
successful execution
Refer to Table 116
Table 116.  Return code description - ClearRecordFile
Status
Value
Description
COMMAND_ABORTED
CAh
INTEGRITY_ERROR
1Eh
Invalid secure messaging MAC.
LENGTH_ERROR
7Eh
Command size not allowed.
PARAMETER_ERROR
9Eh
Parameter value not allowed.
PICC level (MF) is selected.
PERMISSION_DENIED
9Dh
Targeted file is not of CyclicRecord.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com