công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF2DL1000DA4/02 bảng dữ liệu(PDF) 26 Page - NXP Semiconductors

tên linh kiện MF2DL1000DA4/02
Giải thích chi tiết về linh kiện  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 bảng dữ liệu(HTML) 26 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 22Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 23Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 24Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 25Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 26Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 27Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 28Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 29Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
26 / 132
The MAC used in MF2DL(H)x0 is truncated by using only the 8 even-numbered bytes
out of the 16 bytes output as described [6] when represented in most-to-least-significant
order.
Initialization Vector for MACing
The initialization vector used for the CMAC computation is the zero byte IV as prescribed
[6].
9.1.4 Encryption
Encryption and decryption are calculated using AES-128 according to the CBC mode of
NIST SP800-38A [5].
Padding is applied according to Padding Method 2 of ISO/IEC 9797-1 [7], i.e. by adding
always 80h followed, if required, by zero bytes until a string with a length of a multiple
of 16 byte is obtained. Note that if the plain data is a multiple of 16 bytes already, an
additional padding block is added. The only exception is during the authentication itself
(AuthenticateEV2First and AuthenticateEV2NonFirst), where no padding is applied at all.
The notation E(key, message) is used to denote the encryption and D(key, message) for
decryption.
Initialization Vector for Encryption
When encryption is applied to the data sent between the PCD and the PICC, the
Initialization Vector (IV) is constructed by encrypting with SesAuthENCKey according to
the ECB mode of NIST SP800-38A [5] the concatenation of:
• a 2-byte label, distinguishing the purpose of the IV: A55Ah for commands and 5AA5h
for responses
• Transaction Identifier TI
• Command Counter CmdCtr (LSB first)
• Padding of zeros acc. to NIST SP800-38B [6]
This results in the following IVs:
IV for CmdData = E(SesAuthENCKey; A5h || 5Ah || TI || CmdCtr || 0000000000000000h)
IV for RespData = E(SesAuthENCKey;5Ah || A5h || TI || CmdCtr || 0000000000000000h)
When an encryption or decryption is calculated, the CmdCtr to be used in the IV are
the current values. Note that this means that if CmdCtr = n before the reception of a
command, after the validation of the command CmdCtr = n + 1 and that value will be
used in the IV for the encryption of the response.
For the encryption during authentication (both AuthenticateEV2First and
AuthenticateEV2NonFirst), the IV will be 128 bits of 0.
9.1.5 AuthenticateEV2First Command
This section defines the Authentication, which is mandatory to be used first in a
transaction when using Secure Messaging, see Table 17. In this procedure both, the
PICC as well as the PCD show in an encrypted way that they possess the same secret,
i.e. the same key. This authentication is supported with AES keys.
The authentication consists of two parts: AuthenticateEV2First - Part1 and Section 9.1.6
- Part2. Detailed command definition can be found in Section 11.4.1. The protocol cannot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com