công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF2DL1000DA4/02 bảng dữ liệu(PDF) 24 Page - NXP Semiconductors

tên linh kiện MF2DL1000DA4/02
Giải thích chi tiết về linh kiện  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 bảng dữ liệu(HTML) 24 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 20Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 21Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 22Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 23Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 24Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 25Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 26Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 27Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
24 / 132
between standard AES authentication and LRP authentication based on the message
length.
On First Authentication, the PCD can choose between AES and LRP secure messaging
by setting bit 1 of PCDCap2.1 in the issued command. The PD is configured for either
AES or LRP secure messaging by the setting of bit 1 from PDCap2.1. This setting is
defined with SetConfiguration, see Section 11.5.1.
If the PCD chooses for AES secure messaging, it sends PCDCap2.1 equaling 00h (or
no PCDCap2 at all). A MF2DL(H)x0 will accept the authentication if its PDCap2.1 bit 1
is not set, i.e. the MF2DL(H)x0 is configured for AES secure messaging. The command
is interpreted as AuthenticateEV2First, see Section 9.1.5 for detailed specification. If
PDCap2.1 bit 1 is set, i.e. the MF2DL(H)x0 is configured for LRP secure messaging, the
authentication request is rejected.
If the PCD chooses for LRP secure messaging, it sends PCDCap2.1 equaling 02h.
MIFARE DESFire Light will accept the authentication if its PDCap2.1 bit 1 is set, i.e. the
MF2DL(H)x0 is configured for LRP secure messaging. The command is interpreted as
AuthenticateLRPFirst and replied with 18 bytes, i.e. ADDITIONAL_FRAME, followed by
an additional AuthMode indicating LRP secure messaging, and 16 bytes of data, see
Section 11.4.3 for detailed specification. If PDCap2.1 bit 1 is not set, i.e. the MF2DL(H)x0
is configured for AES secure messaging, the authentication request is also accepted,
but responded with 17 bytes, i.e. the AuthenticateEV2First response composed of
ADDITIONAL_FRAME, followed by 16 bytes of data, allowing the PCD to fall back to
standard AES authentication as well.
With Non-First Authentication, the PCD cannot choose between standard AES and
LRP. If authenticated using AES mode, AuthenticateEV2NonFirst will be applied, see
Section 9.1.6. If authenticated with LRP mode, AuthenticateLRPNonFirst will be applied,
see Section 11.4.4. If not authenticated at all, e.g. if targeting one of the originality keys,
only AuthenticateLRPNonFirst is supported.
Below table provides possible negotiation outcomes on FirstAuthentication.
Table 18. Secure messaging mode negotiation
PCD
PD
Mode
PCDCa
p2.1
PDCap2.1
(Mode)
RC
resp
PDCap2.1
resp
PCDCap2.1
comment
00h
(AES)
ADDITIONAL_
FRAME: 17-byte
response without
AuthMode
00h
00h
Matching, AES SM
accepted and selected
Requesting
EV2
Secure
Messaging
00h
02h
(LRP)
PERMISSION_
DENIED
N/A
N/A
No match, AES SM
rejected
00h
(AES)
ADDITIONAL_
FRAME
00h
02h
No match, PD replies
with AES response,
allowing a PCD to fall
back.
Requesting
LRP
Secure
Messaging
02h
02h
(LRP)
ADDITIONAL_
FRAME: 18-byte
response with
AuthMode set to
01h
02h
02h
Matching, LRP SM
accepted and selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com