công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF2DL1000DA4/02 bảng dữ liệu(PDF) 111 Page - NXP Semiconductors

tên linh kiện MF2DL1000DA4/02
Giải thích chi tiết về linh kiện  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 bảng dữ liệu(HTML) 111 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 107Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 108Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 109Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 110Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 111Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 112Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 113Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 114Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 115Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
111 / 132
11.10 Inter-industry standard commands
MF2DL(H)x0 provides the following ISO/IEC 7816-4 wrapped commands.
11.10.1 ISOSelectFile
This command is implemented in compliance with ISO/IEC 7816-4. It selects either the
PICC level, an application or a file within the application.
If P1 is set to 00h, 01h or 02h, selection is done by a 2-byte ISO file identifier. For PICC
level / MF selection, 3F00h or empty data has to be used. For Deticated application
File (DF) and Elementary File (EF) selection, data holds the 2-byte ISO/IEC 7816-4 file
identifier.
If P1 is set to 04h, selection is done by Deticated File (DF) name which
can be up to 16 bytes. The registered ISO DF name of MIFARE DESFire is
D2760000850100h. When selecting this DF name, the PICC level (or MF) is selected.
For selecting the application immediately, the default ISO/IEC 7816-4 DF name
A00000039656434103F015400000000Bh or the customized DF name personalized with
SetConfiguration can be used.
P2 indicates whether or not File Control Information (FCI) is to be returned in case of
application selection. The number of bytes requested by Le up to the complete file data
will be returned in plain. There is no specific FCI template format checked, i.e. the data
stored in the file will be sent back as is. In case of PICC level or file selection, FCI data is
never returned.
When trying to select the application (DF) and the TMCLimit was reached, see
Section 10.3.2.2, the application will still be selected, but an ISO6283 error is returned to
indicate limited functionality: no data management commands, see Section 11.8 can be
executed, except ReadData targeting the TransactionMAC file. Also CommitReaderID
will be rejected.
aaa-032226
PICC to PCD
PCD to PICC
CLA
00
CMD
A4
P1
04
P2
00
Lc
XX
1
1
1
1
[1]
[1..16]
Le
00
[1]
Data
-
SW1
status
1
SW2
1
Figure 41. ISOSelectFile command protocol
Table 126.  Command parameters description - ISOSelectFile
Name
Length
Value
Description
CLA
1
00h
INS
1
A4h
-
Selection Control
00h
Select MF, DF or EF, by file identifier
01h
Select child DF
02h
Select EF under the current DF, by file identifier
03h
Select parent DF of the current DF
P1
1
04h
Select by DF name, see [3]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com