công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF2DL1000DA4/02 bảng dữ liệu(PDF) 113 Page - NXP Semiconductors

tên linh kiện MF2DL1000DA4/02
Giải thích chi tiết về linh kiện  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 bảng dữ liệu(HTML) 113 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 109Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 110Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 111Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 112Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 113Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 114Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 115Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 116Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 117Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
113 / 132
11.10.2 ISOReadBinary
The ISOReadBinary is a standard ISO/IEC 7816-4 command. It can be used to read data
from the Standard Data File. This command does not support any secure messaging, it is
always in plain. For executing ISOReadBinary command either "Read" or "Read&Write",
access right must be set to free access rights.
aaa-032227
PICC to PCD
PCD to PICC
CLA
00
CMD
B0
P1
XX
P2
XX
Le
-
1
1
1
1
1
Le
00
1
Data
-
Response data
-
up to 256
SW1
status
1
SW2
1
Figure 42. ISOReadBinary command protocol
Table 129.  Command parameters description - ISOReadBinary
Name
Length
Value
Description
CLA
1
00h
INS
1
B0h
1
ShortFile ID/Offset
Encoding
1b
P1[Bit 6..5] are RFU.
P1[Bit 4..0] encode a short ISO FileID.
P2[Bit 7..0] encode an offset from zero to 255.
Bit 7
0b
P1 - P2 (15 bits) encode an offset from zero to
32767.
Bit 6-5
00b
[if P1[7] == 1b] RFU
[if P1[7] == 1b] short ISO FileID
00h
Targeting currently selected file.
01h .. 1Eh
Targeting and selecting file referenced by the
given short ISO FileID.
Bit 4-0
1Fh
RFU
P1
Bit 6-0
(see P2)
[if P1[7] == 0b] Most significant bits of Offset
P2
1
000000h ..
(FileSize - 1)
Offset (see above)
-
The number of bytes to be read from the
file. The length of a secure messaging MAC
(depending on communication mode settings)
should be included in this value.
00h
Read the entire StandardData file, starting from
the position specified in the offset value. Note
that the short length Le limits response data to
256 byte.
Le
1
01h .. FFh
If bigger than (FileSize - Offset), after
subtracting MAC length if MAC is to be
returned, the entire StandardData file starting
from the offset position is returned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com