công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF2DL1000DA4/02 bảng dữ liệu(PDF) 117 Page - NXP Semiconductors

tên linh kiện MF2DL1000DA4/02
Giải thích chi tiết về linh kiện  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 bảng dữ liệu(HTML) 117 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 113Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 114Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 115Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 116Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 117Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 118Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 119Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 120Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 121Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
117 / 132
11.11 Originality check commands
The originality check allows verification of the genuineness of MIFARE DESFire Light
(MF2DL(H)x0). Two ways are offered to check the originality of the PICC: the first
is based on a symmetric authentication, the second works on the verification of an
asymmetric signature retrieved from the card.
The authentication procedure for AES keys can be used to authenticate to one of the
four OriginalityKey and check whether the PICC is a genuine NXP product. MF2DL(H)x0
supports targeting the OriginalityKey with the LRP authentication using AES. For details
on the authentication command, see Section 9.2. The following variants can be used:
• AuthenticateLRPFirst, see Section 9.2.5
• AuthenticateLRPNonFirst, see Section 9.2.6
The asymmetric originality signature is based on ECC and only requires a public key for
the verification, which is done outside the card. The Read_Sig command can be used
in both ISO/IEC 14443-3 and ISO/IEC 14443-4 protocols to retrieve the signature. If
the PICC is not configured for Random ID, the command is freely available. There is no
authentication required. If the PICC is configured for Random ID, an authentication is
required.
11.11.1 Read_Sig
The Read_Sig retrieves the asymmetric originality signature based on an asymmetric
cryptographic algorithm Elliptic Curve Cryptography Digital Signature Algorithm
(ECDSA), see [14] and can be used in both ISO/IEC 14443-3 and ISO/IEC 14443-4
protocol. The purpose of originality check signature is to protect from mass copying of
non NXP originated ICs. The purpose of originality check signature is not to completely
prevent HW copy or emulation of individual ICs.
A public key is required for the verification, which is done outside the card. The
NXPOriginalitySignature is computed over the UID and written during manufacturing.
If the PICC is not configured for Random ID, the command is freely available. There is
no authentication required. If the PICC is configured for Random ID, an authentication
with any authentication key is required. If there is an active authentication, the command
requires encrypted secure messaging.
Remark: The originality function is provided to prove that the IC has been manufactured
by NXP Semiconductors.
aaa-032229
PICC to PCD
PCD to PICC
CLA
90
CMD
3C
P1
00
P2
00
Lc
01
1
1
1
1
1
1
Le
00
1
Data
00
Response data
Signature
56
SW1
status
1
SW2
1
Figure 44. Read_Sig command protocol
Table 135.  Command parameters description - Read_Sig
Name
Length
Value
Description
Command Header Parameters
CMD
1
3Ch
Command code
Command Data Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com