công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF2DL1000DA4/02 bảng dữ liệu(PDF) 116 Page - NXP Semiconductors

tên linh kiện MF2DL1000DA4/02
Giải thích chi tiết về linh kiện  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 bảng dữ liệu(HTML) 116 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 112Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 113Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 114Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 115Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 116Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 117Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 118Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 119Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 120Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
116 / 132
Name
Length
Value
Description
SW1SW2
2
9000h
XXXXh
successful execution
Refer to Table 134
Table 134.  Return code description - ISOUpdateBinary
SW1|SW2
Value
Description
ISO6581
6581h
Memory failure
ISO6700
6700h
Wrong or inconsistent APDU length.
ISO6982
6982h
Security status not satisfied: only free write with Write or
ReadWrite equal to Eh is allowed.
Security status not satisfied: AuthenticatedEV2 not allowed.
Security status not satisfied: AuthenticatedLRP not allowed.
ISO6985
6985h
Wrapped chained command or multiple pass command ongoing.
No file selected.
Targeted file is not of StandardData.
Attempt to write beyond the file boundary as set during creation.
Application of targeted file holds a TransactionMAC file.
ISO6A82
6A82h
File not found
ISO6A86
6A86h
Wrong parameter P1 and/or P2
ISO6E00
6E00h
Wrong CLA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com