công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF2DL1000DA4/02 bảng dữ liệu(PDF) 112 Page - NXP Semiconductors

tên linh kiện MF2DL1000DA4/02
Giải thích chi tiết về linh kiện  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA4/02 bảng dữ liệu(HTML) 112 Page - NXP Semiconductors

Back Button MF2DL1000DA4/02 Datasheet HTML 108Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 109Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 110Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 111Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 112Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 113Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 114Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 115Page - NXP Semiconductors MF2DL1000DA4/02 Datasheet HTML 116Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
112 / 132
Name
Length
Value
Description
-
Option
00h
Return FCI template: data stored in the file with
ID 1Fh should be returned
P2
1
0Ch
No response data: no FCI should be returned
Lc
[1]
00h .. 10h
Length of subsequent data field
-
Reference
Empty
[if P1 == 00h OR P1 == 03h]
Select MF
Full range
[if P1 == 00h OR P1 == 01h OR P1== 02h]
Select with the given file identifier
Data
[1..16]
Full range
[if P1 == 04h]
Select DF with the given DF name
Le
[1]
Full range
Empty or length of expected response
Table 127.  Response data parameters description - ISOSelectFile
Name
Length
Value
Description
Data
[X]
-
[Optional]
FCI stored in file ID 1Fh of the DF.
SW1SW2
2
9000h
6283h
XXXXh
successful execution
application selected with limited functionality
Refer to Table 128
Table 128.  Return code description - ISOSelectFile
SW1|SW2
Value
Description
TMCLimit reached, see Section 10.3.2.2.
application selected with limited functionality
ISO6283
6283h
sesTMC reached maximal value.
application selected with limited functionality.
ISO6700
6700h
Wrong or inconsistent APDU length.
ISO6985
6985h
Wrapped chained command or multiple pass command ongoing.
ISO6A82
6A82h
Application or file not found, currently selected application
remains selected.
ISO6A86
6A86h
Wrong parameter P1 and/or P2
ISO6A87
6A87h
Wrong parameter Lc inconsistent with P1-P2
ISO6E00
6E00h
Wrong CLA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com