| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RM0352 bảng dữ liệu(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0352 bảng dữ liệu(HTML) 45 Page - STMicroelectronics |
|
45 / 138 page ![]() DocID024647 Rev 1 45/138 RM0352 Watchdog timer (WDG) 137 Table 42. Watchdog peripheral identification register WDTPeriphID0-3 - part 2 Table 43. Watchdog peripheral identification register WDTPeriphID0-3 - part 3 Table 44. Watchdog peripheral identification register WDTPeriphID0-3 - part 4 7.2.9 Watchdog PCell identification register WDTPCellID0-3 The WDTPCellID0-3 registers are four 8-bit registers that span the address location 0xFF0 to 0xFFC. The registers are read-only. Table 46. Watchdog PCell identification register WDTPCellID0-3 - part 1 WDTPeriphID1 (WDT Base + 0xFE4) Reset value: 0x0000_0018 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7654 3 2 1 0 RESERVED Designer0 Part number1 RR R WDTPeriphID2 (WDT Base + 0xFE8) Reset value: 0x0000_0004 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7654 3 2 1 0 RESERVED Revision Designer1 RR R WDTPeriphID3 (WDT Base + 0xFEC) Reset value: 0x0000_0000 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 RESERVED Configuration RR Table 45. WDTPeriphID0-3 register bit fields Bit field Function PartNumber0 These bits read back as 0x05 PartNumber1 These bits read back as 0x8 Designer0 These bits read back as 0x1 Designer1 These bits read back as 0x4 Revision These bits read back as 0x0 Configuration These bits read back as 0x00 WDTPCellID0 (WDT Base + 0xFF0) Reset value: 0x0000_000D 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 RESERVED WDTPCellID0 RR |