| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RM0352 bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0352 bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 138 page ![]() DocID024647 Rev 1 17/138 RM0352 Interrupts 137 3 Interrupts Interrupts are handled by the Cortex-M0 “Nested Vector Interrupt controller” (NVIC). The NVIC controls specific Cortex-M0 interrupts (address 0x0 to 0x3C) as well as 32 user interrupts (address 0x40 to 0xBC). In the Brain device , user interrupts have been connected to the interrupt signals of the different peripherals (GPIO, Flash controller, timers UART, SPI, I 2 C, RAM bank0, WDG). Those interrupts can be controlled via the ISER, ICER, ISPR and ICPR registers (see the “DUI0497A_cortex_m0_r0p0_generic_ug” document). Table 3. Interrupt vectors(1) Position Priority Type of priority Acronym Description Address Initial main SP 0x0000_0000 -3 Fixed Reset Reset 0x0000_0004 -2 Fixed NMI Non-maskable interrupt. 0x0000_0008 -1 Fixed HardFault All class of fault 0x0000_000C - RESERVED RESERVED RESERVED 0x0000_0010 - 0x0000_0028 3 Settable SVCall System service call via SWI instruction 0x0000_002C - RESERVED RESERVED RESERVED 0x0000_0030 - 0x0000_0034 5 Settable PenSV Pendable request for system service 0x0000_0038 6 Settable SysTick System tick timer 0x0000_003C 0 Init 0 Settable GPIO GPIO bus interrupt 0x0000_0040 1 Init 0 Settable NVM Non-volatile memory controller 0x0000_0044 2 Init 0 RESERVED RESERVED RESERVED 0x0000_0048 3 Init 0 RESERVED RESERVED RESERVED 0x0000_004C 4 Init 0 RESERVED RESERVED RESERVED 0x0000_0050 5 Init 0 RESERVED RESERVED RESERVED 0x0000_0054 6 Init 0 Settable UART1 UART1 interrupt 0x0000_0058 7 Init 0 Settable SPI1 SPI1 interrupt 0x0000_005C 8 Init 0 Settable I2C1 I 2 C 1 interrupt 0x0000_0060 9 Init 0 Settable I2C2 I 2 C 2 interrupt 0x0000_0064 10 Init 0 Settable ECC RAM bank0 controller ECC interrupt 0x0000_0068 11 Init 0 Settable WDG Watchdog interrupt 0x0000_006C 12 Init 0 Settable TIMER0A Dual Timer0A 0x0000_0070 13 Init 0 Settable TIMER0B Dual Timer0B 0x0000_0074 14 Init 0 Settable TIMER1A Dual Timer1A 0x0000_0078 15 Init 0 Settable TIMER1B Dual Timer1B 0x0000_007C |