| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RM0352 bảng dữ liệu(PDF) 82 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0352 bảng dữ liệu(HTML) 82 Page - STMicroelectronics |
|
82 / 138 page ![]() I2C bus interface RM0352 82/138 DocID024647 Rev 1 [3:2] STATUS: controller status. Valid for the operations MW, MR, WTS, RFS. 0: NOP: no operation is in progress 1: ON_GOING: an operation is ongoing 10: OK: the operation (OP field) has been completed successfully 11: ABORT: the operation (OP field) has been aborted due to the occurrence of the event described in the CAUSE field. [1:0] OP: operation 00: MW: master write operation 01: MR: master read operation 10: WTS: write to slave operation 11: RFS: read from slave operation |