| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RM0352 bảng dữ liệu(PDF) 97 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0352 bảng dữ liệu(HTML) 97 Page - STMicroelectronics |
|
97 / 138 page ![]() DocID024647 Rev 1 97/138 RM0352 I2C bus interface 137 10.2.20 I2C peripheral identification register 2 (I2C_PERIPHID2) Table 90. I2C peripheral identification register 2 (I2C_PERIPHID2) Address: I2CBaseAddress + 0xFE8 Type: R Reset: 0x00000038 Description: I 2 C peripheral identification register 2. 10.2.21 I2C peripheral identification register 3 (I2C_PERIPHID3) Table 91. I2C peripheral identification register 3 (I2C_PERIPHID3) Address: I2CBaseAddress + 0xFEC Type: R Reset: 0x00000000 Description: I 2 C peripheral identification register 3. I2C peripheral identification register 2 (I2C_PERIPHID2) 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 RESERVED REVISION DESIGNER1 RR R [7:4] REVISION: these bits read back as 0x3. [3:0] DESIGNER1: these bits read back as 0x8. I2C peripheral identification register 3 (I2C_PERIPHID3) 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 RESERVED CONFIGURATION RR [7:0] CONFIGURATION: these bits read back as 0x00. |