công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08DZ96F2CLL bảng dữ liệu(PDF) 250 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08DZ96F2CLL
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL bảng dữ liệu(HTML) 250 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 246Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 247Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 248Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 249Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 250Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 251Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 252Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 253Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 254Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 458 page
background image
Chapter 11 Inter-Integrated Circuit (S08IICV2)
MC9S08DZ128 Series Data Sheet, Rev. 1
250
Freescale Semiconductor
11.7
Initialization/Application Information
Figure 11-11. IIC Module Quick Start
Module Initialization (Slave)
1.
Write: IICC2
—
to enable or disable general call
—
to select 10-bit or 7-bit addressing mode
2.
Write: IICA
—
to set the slave address
3.
Write: IICC1
—
to enable IIC and interrupts
4.
Initialize RAM variables (IICEN = 1 and IICIE = 1) for transmit data
5.
Initialize RAM variables used to achieve the routine shown in Figure 11-12
Module Initialization (Master)
1.
Write: IICF
—
to set the IIC baud rate (example provided in this chapter)
2.
Write: IICC1
—
to enable IIC and interrupts
3.
Initialize RAM variables (IICEN = 1 and IICIE = 1) for transmit data
4.
Initialize RAM variables used to achieve the routine shown in Figure 11-12
5.
Write: IICC1
—
to enable TX
6.
Write: IICC1
—
to enable MST (master mode)
7.
Write: IICD
—
with the address of the target slave. (The lsb of this byte determines whether the communication is
master receive or transmit.)
Module Use
The routine shown in Figure 11-12 can handle both master and slave IIC operations. For slave operation, an
incoming IIC message that contains the proper address begins IIC communication. For master operation,
communication must be initiated by writing to the IICD register.
0
IICF
IICA
Baud rate = BUSCLK / (2 x MULT x (SCL DIVIDER))
TX
TXAK
RSTA
0
0
IICC1
IICEN
IICIE
MST
Module configuration
ARBL
0
SRW
IICIF
RXAK
IICS
TCF
IAAS
BUSY
Module status flags
Register Model
AD[7:1]
When addressed as a slave (in slave mode), the module responds to this address
MULT
ICR
IICD
DATA
Data register; Write to transmit IIC data read to read IIC data
0
AD10
AD9
AD8
IICC2 GCAEN
ADEXT
Address configuration
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com