công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08DZ96F2CLL bảng dữ liệu(PDF) 248 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08DZ96F2CLL
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL bảng dữ liệu(HTML) 248 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 244Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 245Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 246Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 247Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 248Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 249Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 250Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 251Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 252Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 458 page
background image
Chapter 11 Inter-Integrated Circuit (S08IICV2)
MC9S08DZ128 Series Data Sheet, Rev. 1
248
Freescale Semiconductor
11.4.3
General Call Address
General calls can be requested in 7-bit address or 10-bit address. If the GCAEN bit is set, the IIC matches
the general call address as well as its own slave address. When the IIC responds to a general call, it acts as
a slave-receiver and the IAAS bit is set after the address cycle. Software must read the IICD register after
the first byte transfer to determine whether the address matches is its own slave address or a general call.
If the value is 00, the match is a general call. If the GCAEN bit is clear, the IIC ignores any data supplied
from a general call address by not issuing an acknowledgement.
11.5
Resets
The IIC is disabled after reset. The IIC cannot cause an MCU reset.
11.6
Interrupts
The IIC generates a single interrupt.
An interrupt from the IIC is generated when any of the events in Table 11-12 occur, provided the IICIE bit
is set. The interrupt is driven by bit IICIF (of the IIC status register) and masked with bit IICIE (of the IIC
control register). The IICIF bit must be cleared by software by writing a 1 to it in the interrupt routine. You
can determine the interrupt type by reading the status register.
11.6.1
Byte Transfer Interrupt
The TCF (transfer complete flag) bit is set at the falling edge of the ninth clock to indicate the completion
of byte transfer.
11.6.2
Address Detect Interrupt
When the calling address matches the programmed slave address (IIC address register) or when the
GCAEN bit is set and a general call is received, the IAAS bit in the status register is set. The CPU is
interrupted, provided the IICIE is set. The CPU must check the SRW bit and set its Tx mode accordingly.
11.6.3
Arbitration Lost Interrupt
The IIC is a true multi-master bus that allows more than one master to be connected on it. If two or more
masters try to control the bus at the same time, the relative priority of the contending masters is determined
by a data arbitration procedure. The IIC module asserts this interrupt when it loses the data arbitration
process and the ARBL bit in the status register is set.
Table 11-12. Interrupt Summary
Interrupt Source
Status
Flag
Local Enable
Complete 1-byte transfer
TCF
IICIF
IICIE
Match of received calling address
IAAS
IICIF
IICIE
Arbitration Lost
ARBL
IICIF
IICIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com