công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100GGF2DFB bảng dữ liệu(PDF) 103 Page - Renesas Technology Corp

tên linh kiện R7F100GGF2DFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100GGF2DFB bảng dữ liệu(HTML) 103 Page - Renesas Technology Corp

Back Button R7F100GGF2DFB Datasheet HTML 99Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 100Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 101Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 102Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 103Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 104Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 105Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 106Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 183 page
background image
RL78/G23
2. Electrical Characteristics
R01DS0395EJ0140 Rev.1.40
Page 103 of 177
Oct 31, 2025
Note 1.
This current flows into VDD.
Note 2.
The listed currents apply when the high-speed on-chip oscillator, middle-speed on-chip oscillator, and high-speed system
clock are stopped.
Note 3.
This current flows into the realtime clock (RTC). It does not include the operating current of the low-speed on-chip oscillator
or the XT1 oscillator. The supply current of the RL78 microcontrollers is the sum of either IDD1 or IDD2, and IRTC, when the
realtime clock is operating or in the HALT mode. When the low-speed on-chip oscillator is selected, IFIL should be included in
the supply current. IDD2 in the subsystem clock operation mode includes the operating current of the realtime clock.
Note 4.
This current only flows to the 32-bit interval timer. It does not include the operating current of the low-speed on-chip oscillator
or the XT1 oscillator. The supply current of the RL78 microcontrollers is the sum of either IDD1 or IDD2, and IIT, when the 32-
bit interval timer is operating or in the HALT mode. When the low-speed on-chip oscillator is selected, IFIL should be included
in the supply current.
Note 5.
This current only flows to the watchdog timer. It includes the operating current of the low-speed on-chip oscillator. The supply
current of the RL78 microcontrollers is the sum of IDD1, IDD2 or IDD3 and IWDT when the watchdog timer is operating.
Note 6.
This current only flows to the A/D converter. The supply current of the RL78 microcontrollers is the sum of IDD1 or IDD2 and
IADC when the A/D converter is operating or in the HALT mode.
Note 7.
This current flows into AVREFP.
Note 8.
This current only flows to the D/A converter. The supply current of the RL78 microcontrollers is the sum of the values of
either IDD1 or IDD2, and IDAC, when the D/A converter is operating or in the HALT mode.
Note 9.
This current only flows to the comparator. The supply current of the RL78 microcontrollers is the sum of IDD1, IDD2 or IDD3
and ICMP when the comparator is in operation.
Note 10.
This current only flows to the LVD circuit. The supply current of the RL78 microcontrollers is the sum of IDD1, IDD2 or IDD3 and
ILVD when the LVD circuit is in operation.
Note 11.
This current only flows during self programming.
Note 12.
This current only flows while the data flash memory is being rewritten.
Note 13.
This current only flows into the SNOOZE mode sequencer. Note that the operating current of the low-speed on-chip
oscillator and the XT1 oscillator are not included. The supply current of the RL78 microcontrollers is the sum of either IDD1 or
IDD2, and ISMS, when the SNOOZE mode sequencer is operating or in the HALT mode.
Note 14.
For shift time to the SNOOZE mode, see 23.3.3 SNOOZE mode in the RL78/G23 User’s Manual.
Note 15.
The listed values apply when the SNOOZE mode sequencer is in normal operation equivalent to IDD1. They do not include
the current flowing into the peripheral functions other than the SNOOZE mode sequencer.
Note 16.
This current flows into the remote control signal receiver. It does not include the operating current of the low-speed on-chip
oscillator or the XT1 oscillator. The supply current of the RL78 microcontrollers is the sum of either IDD1 or IDD2, and IIT, when
the remote control signal receiver is operating or in the HALT mode. When the low-speed on-chip oscillator is selected, IFIL
should be included in the supply current.
Note 17.
This current is added to the supply current in the HALT mode when the setting of RTCLPC is 0 in the STOP mode, or when
the setting of RTCLPC is 0 with the subsystem clock X (fSX) selected as the CPU clock, while the subsystem clock X (fsx) is
oscillating.
Note 18.
This current is added to the supply current when the output voltage control port is set.
Note 19.
This current does not include the current flowing into the I/O port pins.
Note 20.
This current only flows to EVDD0 and EVDD1.
Remark 1.
fIL: Low-speed on-chip oscillator clock frequency
Remark 2.
fSX: Subsystem clock X frequency
Remark 3.
fCLK: CPU/peripheral hardware clock frequency
Remark 4.
The typical value for the ambient operating temperature (TA) is +25°C unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com