công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100GGF2DFB bảng dữ liệu(PDF) 70 Page - Renesas Technology Corp

tên linh kiện R7F100GGF2DFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100GGF2DFB bảng dữ liệu(HTML) 70 Page - Renesas Technology Corp

Back Button R7F100GGF2DFB Datasheet HTML 66Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 67Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 68Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 69Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 70Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 71Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 72Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 73Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 183 page
background image
RL78/G23
2. Electrical Characteristics
R01DS0395EJ0140 Rev.1.40
Page 70 of 177
Oct 31, 2025
2.2.3
Characteristics of the on-chip oscillators
Note 1.
The accuracy values were obtained in testing of this product.
Note 2.
The listed condition applies when the setting of the FRQSEL3 bit of the user option byte is 1.
Note 3.
The listed values only indicate the characteristics of the oscillators. Refer to 2.4 AC Characteristics for instruction execution
time.
Note 4.
These values are the results of characteristic evaluation and are not checked for shipment.
(TA = -40 to +105°C, 1.6 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
High-speed on-chip
oscillator clock frequency
fIH
132
MHz
High-speed on-chip
oscillator clock frequency
accuracyNote 1
HIPREC = 1
+85 to +105°C 1.8 V ≤ VDD ≤ 5.5 V
-2.0
+2.0
%
1.6 V ≤ VDD ≤ 5.5 V
-6.0
+6.0
%
-20 to +85°C
1.8 V ≤ VDD ≤ 5.5 V
-1.0
+1.0
%
1.6 V ≤ VDD ≤ 5.5 V
-5.0
+5.0
%
-40 to -20°C
1.8 V ≤ VDD ≤ 5.5 V
-1.5
+1.5
%
1.6 V ≤ VDD ≤ 5.5 V
-5.5
+5.5
%
HIPREC = 0Note 2
-15
0
%
High-speed on-chip
oscillator clock correction
resolution
0.05
%
Middle-speed on-chip
oscillator clock
frequencyNote 3
fIM
14
MHz
Middle-speed on-chip
oscillator clock frequency
accuracyNote 1
-12
+12
%
Middle-speed on-chip
oscillator clock correction
resolution
0.15
%
Middle-speed on-chip
oscillator frequency
temperature coefficient
±0.17
Note 4
%/°C
Low-speed on-chip
oscillator clock
frequencyNote 3
fIL
32.768
kHz
Low-speed on-chip
oscillator clock frequency
accuracyNote 1
-15
+15
%
Low-speed on-chip
oscillator clock correction
resolution
0.3
%
Low-speed on-chip
oscillator frequency
temperature coefficient
±0.21
Note 4
%/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com