công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100GGF2DFB bảng dữ liệu(PDF) 29 Page - Renesas Technology Corp

tên linh kiện R7F100GGF2DFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100GGF2DFB bảng dữ liệu(HTML) 29 Page - Renesas Technology Corp

Back Button R7F100GGF2DFB Datasheet HTML 25Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 26Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 27Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 28Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 29Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 30Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 31Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 32Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 183 page
background image
RL78/G23
1. Outline
R01DS0395EJ0140 Rev.1.40
Page 29 of 177
Oct 31, 2025
1.3.8
64-pin products
• 64-pin plastic LQFP (12 × 12 mm, 0.65-mm pitch)
• 64-pin plastic LFQFP (10 × 10 mm, 0.50-mm pitch)
Note
Not present in products with 128 or fewer Kbytes of code flash memory.
Caution 1. Connect the EVSS0 pin to the same ground as the VSS pin.
Caution 2. Make sure that the voltage on the VDD pin is no less than that on the EVDD0 pin.
Caution 3. Connect the REGC pin to VSS via a capacitor (0.47 to 1 µF).
Remark 1.
For pin identification, see 1.4 Pin Identification.
Remark 2.
When using the microcontroller for an application where the noise generated inside the microcontroller must be reduced,
it is recommended to supply separate powers to the VDD and EVDD0 pins and connect the VSS and EVSS0 pins to
separate ground lines.
Remark 3.
Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register
(PIOR). For details, see 4.3.10 Peripheral I/O redirection register (PIOR) in the RL78/G23 User’s Manual.
RL78/G23
(Top View)
1
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33
P27/ANI7/TS25Note
P26/ANI6/TS24Note
P25/ANI5/TS23Note
P24/ANI4/TS22Note
P23/ANI3/ANO1/IVREF0/TS21Note/EI23
P22/ANI2/ANO0/TS20Note/EI22
P21/ANI1/AVREFM/EI21
P20/ANI0/AVREFP/EI20
P130
P04/SCK10/SCL10
P03/ANI16/TS29Note/SI10/RxD1/SDA10
P02/ANI17/TS28Note/SO10/TxD1
P01/TS27Note/EI01/EO01/TO00
P00/TS26Note/EI00/TI00
P141/PCLBUZ1/INTP7
P140/PCLBUZ0/INTP6
P30/VCOUT0/TSCAP/EI30/INTP3/RTC1HZ/SCK11/SCL11
P05/TS10/TI05/TO05
P06/TS11/TI06/TO06/CLKA0
P70/TS02/RIN0/KR0/SCK21/SCL21
P71/TS03/KR1/SI21/SDA21/RxDA0
P72/TS04/KR2/SO21/TxDA0
P73/TS05/KR3/SO01
P74/TS06/KR4/INTP8/SI01/SDA01
P75/TS07/KR5/INTP9/SCK01/SCL01
P76/TS08/KR6/INTP10/(RxD2)
P77/TS09/KR7/INTP11/(TxD2)
P31/TS01/EI31/TI03/TO03/INTP4/(PCLBUZ0)
P63/CCD07/SDAA1
P62/CCD06/SCLA1
P61/EO61/CCD05/SDAA0
P60/EO60/CCD04/SCLA0
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
12 13 14 15 16
11
234 56 7 8 9 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com