công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100GGF2DFB bảng dữ liệu(PDF) 61 Page - Renesas Technology Corp

tên linh kiện R7F100GGF2DFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100GGF2DFB bảng dữ liệu(HTML) 61 Page - Renesas Technology Corp

Back Button R7F100GGF2DFB Datasheet HTML 57Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 58Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 59Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 60Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 61Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 62Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 63Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 64Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 183 page
background image
RL78/G23
1. Outline
R01DS0395EJ0140 Rev.1.40
Page 61 of 177
Oct 31, 2025
Timers
16-bit timer
8 channels
Watchdog timer
1 channel
Realtime clock (RTC)
1 channel
32-bit interval timer
(TML32)
1 channel in 32-bit counter mode,
2 channels in 16-bit counter mode,
4 channels in 8-bit counter mode
Timer output
4 channels (PWM outputs: 3Note 3),
8 channels (PWM outputs: 7Note 3)Note 4
5 channels
(PWM outputs: 4Note 3),
8 channels
(PWM outputs: 7Note 3)Note 4
RTC output
1 channel
Clock output/buzzer output
2 channels
• 3.91 kHz, 7.81 kHz, 15.63 kHz, 2 MHz, 4 MHz, 8 MHz, 16 MHz
(at the 32-MHz operation with the main system clock (fMAIN))
• 256 Hz, 512 Hz, 1.024 kHz, 2.048 kHz, 4.096 kHz, 8.192 kHz, 16.384 kHz, 32.768 kHz
(at the 32.768-kHz operation with the low-speed peripheral clock (fSXP))
8-/10-/12-bit resolution A/D converter
8 channels
9 channels
10 channels
D/A converter
2 channels
Comparator
2 channels
Serial interface
[30- and 32-pin products]
• Simplified SPI (CSI): 1 channel/simplified I2C: 1 channel/UART: 1 channel
• Simplified SPI (CSI): 1 channel/simplified I2C: 1 channel/UART: 1 channel
• Simplified SPI (CSI): 1 channel/simplified I2C: 1 channel/UART (UART supporting LIN-bus): 1
channel
[36- to 44-pin products]
• Simplified SPI (CSI): 1 channel/simplified I2C: 1 channel/UART: 1 channel
• Simplified SPI (CSI): 1 channel/simplified I2C: 1 channel/UART: 1 channel
• Simplified SPI (CSI): 2 channels/simplified I2C: 2 channels/UART (UART supporting LIN-
bus): 1 channel
[48-pin products]
• Simplified SPI (CSI): 2 channels/simplified I2C: 2 channels/UART: 1 channel
• Simplified SPI (CSI): 1 channel/simplified I2C: 1 channel/UART: 1 channel
• Simplified SPI (CSI): 2 channels/simplified I2C: 2 channels/UART (UART supporting LIN-
bus): 1 channel
UARTA
—
1 channel
2 channels
I2C bus
1 channel
2 channels
Remote control signal receiver
—
1 channel
Data transfer controller (DTC)
30 sources
30 sources
32 sources
33 sources
35 sources
36 sources
Logic and event link controller (ELCL) 1
SNOOZE mode sequencer (SMS)
1
Capacitive
sensing unit
ROM size:
96 to 128 KB
235668
ROM size:
192 to 768 KB
6711
13
14
16
Vectored
interrupt
sources
Internal
31
32
35
35
39
39
External
6667710
Key interrupt
—
4
6
(2/3)
Item
30-pin
32-pin
36-pin
40-pin
44-pin
48-pin
R7F100GAx
R7F100GBx
R7F100GCx
R7F100GEx
R7F100GFx
R7F100GGx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com