công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100GGF2DFB bảng dữ liệu(PDF) 67 Page - Renesas Technology Corp

tên linh kiện R7F100GGF2DFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100GGF2DFB bảng dữ liệu(HTML) 67 Page - Renesas Technology Corp

Back Button R7F100GGF2DFB Datasheet HTML 63Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 64Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 65Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 66Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 67Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 68Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 69Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 70Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 183 page
background image
RL78/G23
2. Electrical Characteristics
R01DS0395EJ0140 Rev.1.40
Page 67 of 177
Oct 31, 2025
2.1
Absolute Maximum Ratings
Note 1.
Connect the REGC pin to VSS via a capacitor (0.47 to 1 µF). The listed value is the absolute maximum rating of the REGC
pin. Only use the capacitor connection. Do not apply a specific voltage to this pin.
Note 2.
This voltage must be no higher than 6.5 V.
Note 3.
The voltage on a pin in use for A/D conversion must not exceed AVREFP + 0.3.
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any parameter.
That is, the absolute maximum ratings are rated values at which the product is on the verge of suffering physical
damage, and therefore the product must be used under conditions that ensure that the absolute maximum
ratings are not exceeded.
Remark 1.
The characteristics of functions multiplexed on a given pin are the same as those for the port pin unless otherwise
specified.
Remark 2.
AVREFP refers to the positive reference voltage of the A/D converter.
Remark 3.
The reference voltage is VSS.
(1/2)
Item
Symbols
Conditions
Ratings
Unit
Supply voltage
VDD
-0.5 to +6.5
V
EVDD0, EVDD1
EVDD0 = EVDD1
-0.5 to +6.5
V
EVSS0, EVSS1
EVSS0 = EVSS1
-0.5 to +0.3
V
REGC pin input voltage
VIREGC
REGC
-0.3 to +2.1
and -0.3 to VDD + 0.3Note 1
V
Input voltage
VI1
P00 to P07, P10 to P17, P30 to P37,
P40 to P47, P50 to P57, P64 to P67,
P70 to P77, P80 to P87, P90 to P97,
P100 to P106, P110 to P117, P120,
P125 to P127, P140 to P147
-0.3 to EVDD0 + 0.3
and -0.3 to VDD + 0.3Note 2
V
VI2
P60 to P63 (N-ch open-drain)
-0.3 to +6.5
V
VI3
P20 to P27, P121 to P124, P137,
P150 to P156, EXCLK, EXCLKS, RESET
-0.3 to VDD + 0.3Note 2
V
Output voltage
VO1
P00 to P07, P10 to P17, P30 to P37,
P40 to P47, P50 to P57, P60 to P67,
P70 to P77, P80 to P87, P90 to P97,
P100 to P106, P110 to P117, P120,
P125 to P127, P130, P140 to P147
-0.3 to EVDD0 + 0.3
and -0.3 to VDD + 0.3Note 2
V
VO2
P20 to P27, P121, P122, P150 to P156
-0.3 to VDD + 0.3Note 2
V
Analog input voltage
VAI1
ANI16 to ANI26
-0.3 to EVDD0 + 0.3
and -0.3 to AVREFP + 0.3
Notes 2, 3
V
VAI2
ANI0 to ANI14
-0.3 to VDD + 0.3
and -0.3 to AVREFP + 0.3
Notes 2, 3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com