công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100GGF2DFB bảng dữ liệu(PDF) 65 Page - Renesas Technology Corp

tên linh kiện R7F100GGF2DFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100GGF2DFB bảng dữ liệu(HTML) 65 Page - Renesas Technology Corp

Back Button R7F100GGF2DFB Datasheet HTML 61Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 62Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 63Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 64Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 65Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 66Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 67Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 68Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 183 page
background image
RL78/G23
1. Outline
R01DS0395EJ0140 Rev.1.40
Page 65 of 177
Oct 31, 2025
Note 1.
Overwrite the flash memory during operation at 2 MHz or a lower frequency.
Note 2.
When the flash memory is to be overwritten, switch to high-speed main (HS) mode or low-speed main (LS) mode.
Note 3.
This only applies to the products with 96- and 128-Kbyte flash memory.
Note 4.
This only applies to the products with 192- to 768-Kbyte flash memory.
Note 5.
The number of PWM outputs varies depending on the setting of channels in use (the number of masters and slaves).
For details, see 7.9.3 Operation for the multiple PWM output function in the RL78/G23 User’s Manual.
Note 6.
This applies when the corresponding bit in the peripheral I/O redirection register (PIOR) is set to 1.
Note 7.
In normal operation, executing the instruction code FFH triggers an internal reset, but this is not the case during emulation
by the on-chip debugging emulator.
Reset
• Reset by RESET pin
• Internal reset by watchdog timer
• Internal reset by power-on-reset
• Internal reset by voltage detectors (LVD0 and LVD1)
• Internal reset by illegal instruction executionNote 7
• Internal reset by RAM parity error
• Internal reset by illegal-memory access
Power-on-reset circuit
Detection voltage
• 1.50 V (typ.)
Voltage
detector
LVD0
Detection voltage
• Rising edge: 1.69 V to 3.96 V (6 stages)
• Falling edge: 1.65 V to 3.88 V (6 stages)
LVD1
Detection voltage
• Rising edge: 1.67 V to 4.16 V (18 stages)
• Falling edge: 1.63 V to 4.08 V (18 stages)
On-chip debugging
Available (tracing supported)
Power supply voltage
VDD = 1.6 to 5.5 V
Operating ambient temperature
TA = -40 to +85°C (2D: Consumer applications), TA = -40 to +105°C (3C: Industrial
applications)
(3/3)
Item
52-pin
64-pin
80-pin
100-pin
128-pin
R7F100GJx
R7F100GLx
R7F100GMx
R7F100GPx
R7F100GSx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com