công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100GGF2DFB bảng dữ liệu(PDF) 77 Page - Renesas Technology Corp

tên linh kiện R7F100GGF2DFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100GGF2DFB bảng dữ liệu(HTML) 77 Page - Renesas Technology Corp

Back Button R7F100GGF2DFB Datasheet HTML 73Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 74Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 75Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 76Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 77Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 78Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 79Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 80Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 183 page
background image
RL78/G23
2. Electrical Characteristics
R01DS0395EJ0140 Rev.1.40
Page 77 of 177
Oct 31, 2025
Note
The listed value applies when IOL1 = 40.0 mA is specified for the following port pins by the 40-mA port output control register
(PTDC).
• Pins P04, P10, and P120 of the 64- to 100-pin package products with 384- to 768-Kbyte code flash memory
• Pin P101 of the 100-pin package products with 384- to 768-Kbyte code flash memory
• Pins P17 and P51 of the 30- to 52-pin package products
• Pin P70 of the 32- to 52-pin products
Remark
The characteristics of functions multiplexed on a given pin are the same as those for the port pin unless otherwise
specified.
(TA = -40 to +105°C, 1.6 V ≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
(5/7)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output voltage, low VOL1
P00 to P07, P10 to P17,
P30 to P37, P40 to P47,
P50 to P57, P64 to P67,
P70 to P77, P80 to P87,
P90 to P97, P100 to P106,
P110 to P117, P120,
P125 to P127, P130,
P140 to P147
4.0 V ≤ EVDD0 ≤ 5.5 V
IOL1 = 20.0 mA
1.3
V
IOL1 = 40.0 mANote
1.3
V
4.0 V ≤ EVDD0 ≤ 5.5 V
IOL1 = 8.5 mA
0.7
V
IOL1 = 17.0 mANote
0.7
V
2.7 V ≤ EVDD0 ≤ 5.5 V
IOL1 = 3.0 mA
0.6
V
IOL1 = 6.0 mANote
0.6
V
2.7 V ≤ EVDD0 ≤ 5.5 V
IOL1 = 1.5 mA
0.4
V
IOL1 = 3.0 mANote
0.4
V
1.8 V ≤ EVDD0 ≤ 5.5 V
IOL1 = 0.6 mA
0.4
V
IOL1 = 1.2 mANote
0.4
V
1.6 V ≤ EVDD0 ≤ 5.5 V
IOL1 = 0.3 mA
0.4
V
IOL1 = 0.6 mANote
0.4
V
VOL2
P20 to P27, P121, P122,
P150 to P156
4.0 V ≤ VDD ≤ 5.5 V, IOL2 = 8.5 mA
0.7
V
2.7 V ≤ VDD < 4.0 V, IOL2 = 1.5 mA
0.5
V
1.8 V ≤ VDD < 2.7 V, IOL2 = 0.6 mA
0.4
V
1.6 V ≤ VDD < 1.8 V, IOL2 = 0.4 mA
0.4
V
VOL3
P60 to P63
4.0 V ≤ EVDD0 ≤ 5.5 V, IOL3 = 15.0 mA
2.0
V
4.0 V ≤ EVDD0 ≤ 5.5 V, IOL3 = 5.0 mA
0.4
V
2.7 V ≤ EVDD0 ≤ 5.5 V, IOL3 = 3.0 mA
0.4
V
1.8 V ≤ EVDD0 ≤ 5.5 V, IOL3 = 2.0 mA
0.4
V
1.6 V ≤ EVDD0 ≤ 5.5 V, IOL3 = 1.0 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com