công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100GGF2DFB bảng dữ liệu(PDF) 47 Page - Renesas Technology Corp

tên linh kiện R7F100GGF2DFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100GGF2DFB bảng dữ liệu(HTML) 47 Page - Renesas Technology Corp

Back Button R7F100GGF2DFB Datasheet HTML 43Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 44Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 45Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 46Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 47Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 48Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 49Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 50Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 183 page
background image
RL78/G23
1. Outline
R01DS0395EJ0140 Rev.1.40
Page 47 of 177
Oct 31, 2025
• 100-pin plastic LQFP (14 × 20 mm, 0.65-mm pitch)
Caution 1. Connect the EVSS0 and EVSS1 pins to the same ground as the VSS pin.
Caution 2. Make sure that the voltage on the VDD pin is no less than that on the EVDD0 and EVDD1 pins. Also make sure that
the voltage on the EVDD0 is the same as that on the EVDD1 pin.
Caution 3. Connect the REGC pin to VSS via a capacitor (0.47 to 1 µF).
Remark 1.
For pin identification, see 1.4 Pin Identification.
Remark 2.
When using the microcontroller for an application where the noise generated inside the microcontroller must be reduced,
it is recommended to supply separate powers to the VDD, EVDD0, and EVDD1 pins and connect the VSS, EVSS0, and
EVSS1 pins to separate ground lines.
Remark 3.
Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register
(PIOR). For details, see 4.3.10 Peripheral I/O redirection register (PIOR) in the RL78/G23 User’s Manual.
P120/ANI19/IVCMP1/EI120
P47/INTP2
P46/INTP1/TI05/TO05
P45/SO01
P44/SI01/SDA01
P43/SCK01/SCL01/CLKA1
P42/TI04/TO04/TxDA1
P41/RxDA1
P40/TOOL0
RESET
P124/XT2/EXCLKS
P123/XT1
P137/INTP0/EI137
P122/X2/EXCLK/EI122
P121/X1/EI121/VBAT
REGC
VSS
EVSS0
VDD
EVDD0
RL78/G23
(Top View)
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
P146/(INTP4)
P111/(INTP11)
P110/(INTP10)
P101
P10/SCK00/SCL00/EI10/EO10/(TI07)/(TO07)
P11/SI00/RxD0/TOOLRxD/SDA00/EI11/EO11/(TI06)/(TO06)
P12/SO00/TxD0/TOOLTxD/EI12/EO12/(INTP5)/(TI05)/(TO05)
P13/TxD2/SO20/IVREF1/EO13/(SDAA0)/(TI04)/(TO04)
P14/RxD2/SI20/SDA20/VCOUT1/EO14/(SCLA0)/(TI03)/(TO03)
P15/SCK20/SCL20/EO15/(TI02)/(TO02)
P16/CCD00/TI01/TO01/INTP5/EO16/(SI00)/(RxD0)
P17/CCD01/TI02/TO02/EO17/(SO00)/(TxD0)
P57/(INTP3)
P56/(INTP1)
P55/(PCLBUZ1)/(SCK00)
P54/SCK31/SCL31
P53/SI31/SDA31
P52/SO31
P51/CCD02/EI51/EO51/SO11
P50/CCD03/TS00/EI50/EO50/SI11/SDA11
16 17 18 19 20 21 22 23 24 25 26 27 28 29 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com