công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100GGF2DFB bảng dữ liệu(PDF) 42 Page - Renesas Technology Corp

tên linh kiện R7F100GGF2DFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100GGF2DFB bảng dữ liệu(HTML) 42 Page - Renesas Technology Corp

Back Button R7F100GGF2DFB Datasheet HTML 38Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 39Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 40Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 41Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 42Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 43Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 44Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 45Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 183 page
background image
RL78/G23
1. Outline
R01DS0395EJ0140 Rev.1.40
Page 42 of 177
Oct 31, 2025
1.3.10
100-pin products
• 100-pin plastic LFQFP (14 × 14 mm, 0.50-mm pitch)
Caution 1. Connect the EVSS0 and EVSS1 pins to the same ground as the VSS pin.
Caution 2. Make sure that the voltage on the VDD pin is no less than that on the EVDD0 and EVDD1 pins. Also make sure that
the voltage on the EVDD0 is the same as that on the EVDD1 pin.
Caution 3. Connect the REGC pin to VSS via a capacitor (0.47 to 1 µF).
Remark 1.
For pin identification, see 1.4 Pin Identification.
Remark 2.
When using the microcontroller for an application where the noise generated inside the microcontroller must be reduced,
it is recommended to supply separate powers to the VDD, EVDD0, and EVDD1 pins and connect the VSS, EVSS0, and
EVSS1 pins to separate ground lines.
Remark 3.
Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register
(PIOR). For details, see 4.3.10 Peripheral I/O redirection register (PIOR) in the RL78/G23 User’s Manual.
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
P156/ANI14
P155/ANI13/TS35
P154/ANI12/TS34
P153/ANI11/TS33
P152/ANI10/TS32
P151/ANI9/TS31
P150/ANI8/TS30
P27/ANI7/TS25
P26/ANI6/TS24
P25/ANI5/TS23
P24/ANI4/TS22
P23/ANI3/ANO1/IVREF0/EI23/TS21
P22/ANI2/ANO0/EI22/TS20
P21/ANI1/AVREFM/EI21
P20/ANI0/AVREFP/EI20
P130
P102/TI06/TO06
P04/SCK10/SCL10
P03/ANI16/TS29/SI10/RxD1/SDA10
P02/ANI17/TS28/SO10/TxD1
P01/TS27/EI01/EO01/TO00
P00/TS26/EI00/TI00
P145/TI07/TO07
P144/SO30/TxD3
P143/SI30/RxD3/SDA30
P86/(INTP8)
P85/(INTP7)/CLKA0
P84/(INTP6)/RxDA0
P83/TxDA0
P82/(SO10)/(TxD1)
P81/(SI10)/(RxD1)/(SDA10)
P80/(SCK10)/(SCL10)
EVSS1
P05/TS10
P06/TS11
P70/KR0/TS02/RIN0/SCK21/SCL21
P71/KR1/TS03/SI21/SDA21
P72/KR2/TS04/SO21
P73/KR3/TS05
P74/KR4/TS06/INTP8
P75/KR5/TS07/INTP9
P76/KR6/TS08/INTP10/(RxD2)
P77/KR7/TS09/INTP11/(TxD2)
P67/TI13/TO13/TS15
P66/TI12/TO12/TS14
P65/TI11/TO11/TS13
P64/TI10/TO10/TS12
P31/TI03/TO03/INTP4/TS01/EI31/(PCLBUZ0)
P63/CCD07/SDAA1
P62/CCD06/SCLA1
75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
RL78/G23
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com