công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100GGF2DFB bảng dữ liệu(PDF) 97 Page - Renesas Technology Corp

tên linh kiện R7F100GGF2DFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100GGF2DFB bảng dữ liệu(HTML) 97 Page - Renesas Technology Corp

Back Button R7F100GGF2DFB Datasheet HTML 93Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 94Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 95Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 96Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 97Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 98Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 99Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 100Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 183 page
background image
RL78/G23
2. Electrical Characteristics
R01DS0395EJ0140 Rev.1.40
Page 97 of 177
Oct 31, 2025
3. 44- to 80-pin package products with 384- to 768-Kbyte code flash memory and 100- to 128-pin package products
Note 1.
The listed currents are the total currents flowing into VDD, EVDD0 and EVDD1, including the input leakage currents flowing
when the level of the input pin is fixed to VDD, EVDD0, EVDD1 or VSS, EVSS0, EVSS1. The following points apply in the HS
(high-speed main), LS (low-speed main), and LP (low-power main) modes.
• The currents in the “Typ.” column do not include the operating currents of the peripheral modules.
• The currents in the “Max.” column include the operating currents of the PCLBUZ, TAU, SAU, and IICA modules.
Note 2.
The listed currents apply when the HALT instruction has been fetched from the flash memory for execution.
Note 3.
The listed currents apply when the high-speed system clock, middle-speed on-chip oscillator, low-speed on-chip oscillator,
and subsystem clock are stopped.
Note 4.
The listed currents apply when the high-speed on-chip oscillator, high-speed system clock, low-speed on-chip oscillator, and
subsystem clock are stopped.
Note 5.
The listed currents apply when the high-speed on-chip oscillator, middle-speed on-chip oscillator, low-speed on-chip
oscillator, and subsystem clock are stopped.
(Remarks are listed on the next page.)
(TA = -40 to +105°C, 1.6 V ≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
(3/4)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply
currentNote 1
IDD2
Note 2
HALT mode
HS
(high-speed main)
mode
fIH = 32 MHzNote 3
VDD = 5.0 V
0.60
2.00
mA
VDD = 1.8 V
0.59
1.99
LS
(low-speed main)
mode
fIH = 24 MHzNote 3
VDD = 5.0 V
0.49
1.56
mA
VDD = 1.8 V
0.48
1.55
fIH = 16 MHzNote 3
VDD = 5.0 V
0.49
1.24
mA
VDD = 1.8 V
0.48
1.23
fIM = 4 MHzNote 4
VDD = 5.0 V
0.09
0.28
mA
VDD = 1.6 V
0.09
0.27
LP
(low-power main)
mode
fIM = 2 MHzNote 4
VDD = 5.0 V
40
129
µA
VDD = 1.6 V
37
125
fIM = 1 MHzNote 4
VDD = 5.0 V
33
80
µA
VDD = 1.6 V
32
79
HS
(high-speed main)
mode
fMX = 20 MHzNote 5,
Square wave input
VDD = 5.0 V
0.25
1.10
mA
VDD = 1.8 V
0.21
1.05
LS
(low-speed main)
mode
fMX = 20 MHzNote 5,
Square wave input
VDD = 5.0 V
0.25
1.10
mA
VDD = 1.8 V
0.21
1.05
fMX = 20 MHzNote 5,
Resonator connection
VDD = 5.0 V
0.41
1.30
mA
VDD = 1.8 V
0.40
1.28
fMX = 10 MHzNote 5,
Square wave input
VDD = 5.0 V
0.15
0.59
mA
VDD = 1.8 V
0.13
0.55
fMX = 10 MHzNote 5,
Resonator connection
VDD = 5.0 V
0.25
0.70
mA
VDD = 1.8 V
0.24
0.69
fMX = 8 MHzNote 5,
Square wave input
VDD = 5.0 V
0.13
0.48
mA
VDD = 1.8 V
0.11
0.45
fMX = 8 MHzNote 5,
Resonator connection
VDD = 5.0 V
0.22
0.59
mA
VDD = 1.8 V
0.21
0.58
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com