công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100GGF2DFB bảng dữ liệu(PDF) 59 Page - Renesas Technology Corp

tên linh kiện R7F100GGF2DFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100GGF2DFB bảng dữ liệu(HTML) 59 Page - Renesas Technology Corp

Back Button R7F100GGF2DFB Datasheet HTML 55Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 56Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 57Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 58Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 59Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 60Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 61Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 62Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 183 page
background image
RL78/G23
1. Outline
R01DS0395EJ0140 Rev.1.40
Page 59 of 177
Oct 31, 2025
1.5
Block Diagram
Caution 1. 32- to 128-pin products incorporate the remote control signal receiver.
Caution 2. 36- to 128-pin products incorporate the serial interface UARTAn.
Caution 3. 40- to 128-pin products incorporate the key return function.
Remark
m: Unit number, n: Channel number, p: Simplified SPI (CSI) number, q: UART number, r: Simplified I2C number, xx: Port
number
Voltage regulator
REGC
Interrupt control
RAM
Power-on reset/
voltage detector
POR/LVD control
Reset control
UARTq
IICr
INTPn
CSIp
Key return
BCD correction
Serial interface IICAn
Buzzer output
Clock output control
PCLBUZn
RL78 CPU core
CRC
RxDq
TxDq
ANIn
AVREFP
SCLAn
SDAAn
RTC1HZ
RESET
KRn
Watchdog timer
Data transfer controller
CHn
Port x
Pxx
Serial array unit m
TImn
TOmn
SCKp
SIp
SOp
SCLr
SDAr
Code flash
memory
Data flash
memory
AVREFM
Logic and event
link controller
Clock generator and
reset generator
Middle-speed
on-chip
oscillator
1to 4 MHz
High-speed
on-chip
oscillator
1 to 32 MHz
Subsystem
clock oscillator
32.768 kHz
X1
X2/EXCLK
XT1 XT2/EXCLKS
D/A converter
Comparator
ANOn
VOUTn
IVCMPn
IVREFn
Serial interface UARTAn
RxDAn
TxDAn
CLKAn
SNOOZE mode
sequencer
Remote control
signal receiver
RIN0
Capacitive sensing unit
TSn
TSCAP
High-speed
system clock
oscillator
1 to 20 MHz
Multiplier, divider, and
multiply-accumulator
EOn
EIn
TOOL0
On-chip debugging
Safety function
Security function
Low-speed
on-chip
oscillator
32.768 kHz
Realtime clock
A/D converter
TOOLRxD,
TOOLTxD
VSS,
EVSS0,
EVSS1
VDD,
EVDD0,
EVDD1
Timer array unit m
32-bit interval timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com