công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7F100GGF2DFB bảng dữ liệu(PDF) 68 Page - Renesas Technology Corp

tên linh kiện R7F100GGF2DFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7F100GGF2DFB bảng dữ liệu(HTML) 68 Page - Renesas Technology Corp

Back Button R7F100GGF2DFB Datasheet HTML 64Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 65Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 66Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 67Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 68Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 69Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 70Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 71Page - Renesas Technology Corp R7F100GGF2DFB Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 183 page
background image
RL78/G23
2. Electrical Characteristics
R01DS0395EJ0140 Rev.1.40
Page 68 of 177
Oct 31, 2025
Note
The rating for the following port pins is 80 mA when IOL1 = 40.0 mA is specified by the 40-mA port output control register
(PTDC).
• Pins P04, P10, and P120 of the 64- to 100-pin package products with 384- to 768-Kbyte code flash memory
• Pin P110 of the 100-pin package products with 384- to 768-Kbyte code flash memory
• Pins P17 and P51 of the 30- to 52-pin package products
• Pin P70 of the 32- to 52-pin package products
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any parameter.
That is, the absolute maximum ratings are rated values at which the product is on the verge of suffering physical
damage, and therefore the product must be used under conditions that ensure that the absolute maximum
ratings are not exceeded.
Remark
The characteristics of functions multiplexed on a given pin are the same as those for the port pin unless otherwise
specified.
(2/2)
Item
Symbols
Conditions
Ratings
Unit
High-level output current
IOH1
Per pin
P00 to P07, P10 to P17, P30 to P37,
P40 to P47, P50 to P57, P64 to P67,
P70 to P77, P80 to P87, P90 to P97,
P100 to P106, P110 to P117, P120,
P125 to P127, P130, P140 to P147
-40
mA
Total of all pins
-170 mA
P00 to P04, P07, P32 to P37, P40 to P47,
P102 to P106, P120, P125 to P127, P130,
P140 to P145
-70
mA
P05, P06, P10 to P17, P30, P31, P50 to P57,
P64 to P67, P70 to P77, P80 to P87,
P90 to P97, P100, P101, P110 to P117, P146,
P147
-100
mA
IOH2
Per pin
P20 to P27, P121, P122, P150 to P156
-5
mA
Total of all pins
-20
mA
Low-level output current
IOL1
Per pin
P00 to P07, P10 to P17, P30 to P37,
P40 to P47, P50 to P57, P60 to P67,
P70 to P77, P80 to P87, P90 to P97,
P100 to P106, P110 to P117, P120,
P125 to P127, P130, P140 to P147
40Note
mA
Total of all pins
170 mA
P00 to P04, P07, P32 to P37, P40 to P47,
P102 to P106, P120, P125 to P127, P130,
P140 to P145
70
mA
P05, P06, P10 to P17, P30, P31, P50 to P57,
P60 to P67, P70 to P77, P80 to P87,
P90 to P97, P100, P101, P110 to P117, P146,
P147
100
mA
IOL2
Per pin
P20 to P27, P121, P122, P150 to P156
10
mA
Total of all pins
20
mA
Ambient operating
temperature
TA
In normal operation mode
3C: Industrial applications
-40 to +105
C
2D: Consumer applications
-40 to +85
In flash memory programming mode 3C: Industrial applications
-40 to +105
2D: Consumer applications
-40 to +85
Storage temperature
Tstg
-65 to +150
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com