công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 335 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 335 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 331Page - NEC MPD78CP18KB Datasheet HTML 332Page - NEC MPD78CP18KB Datasheet HTML 333Page - NEC MPD78CP18KB Datasheet HTML 334Page - NEC MPD78CP18KB Datasheet HTML 335Page - NEC MPD78CP18KB Datasheet HTML 336Page - NEC MPD78CP18KB Datasheet HTML 337Page - NEC MPD78CP18KB Datasheet HTML 338Page - NEC MPD78CP18KB Datasheet HTML 339Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 373 page
background image
CHAPTER 14
INSTRUCTION SET
317
CALF word
(Call Subroutine in Fixed Area)
<1> Operation code
:
01111
faH
faL
<2> Number of bytes :
2
<3> Number of states :
13 (7)
<4> Function
:
(SP–1)
← PC+215–8, (SP–2) ← PC+27–0,
SP
← SP–2, PC15–11 ← 00001, PC10–0 ← fa
Stores the high-order 8 bits of the start address of the next instruction in the stack memory indicated by SP–
1 and stores the low-order 8 bits in the stack memory indicated by SP–2, then loads 00001 into the high-
order 5 bits (PC15-11) of the program counter and loads the 11-bit immediate data fa into the low-order 11
bits (PC10-0), and jumps to the address indicated by the immediate data.
A label or number from 800H to FFFH (2K-byte range) should be directly as the operand of the CALF
instruction.
<5> Flags affected
:
SK
← 0, L1 ← 0, L0 ← 0
CALT word
(Call Table Address)
<1> Operation code
:
1
0
0
ta
<2> Number of bytes :
1
<3> Number of states :
16 (4)
<4> Function
:
(SP–1)
← PC+115–8, (SP–2) ← PC+17–0,
SP
← SP–2, PC7–0 ← (128+2ta), PC15–8 ← (129+2ta)
15
PC
87
0
Low address
High address
15
= Effective address
87
0
00000000
65
1
10
0
ta
Effective address
Effective address + 1
Memory (Jump address table)
Stores the high-order 8 bits of the start address of the next instruction in the stack memory indicated by SP–
1 and stores the low-order 8 bits in the stack memory indicated by SP–2, then loads the contents of the
memory addressed by the effective address comprising the 5-bit immediate data ta into the low-order 8 bits
(PC7–0) of the program counter and loads the contents of the memory addressed by the effective address
+1 into the high-order 8 bits (PC15–8), and jumps to the address indicated by the memory contents. The jump
address table must be located in memory address 128 to 191.
The table address should be directly written as a label or a number of up to 16 bits in the operand field of
the CALT instruction.
<5> Flags affected
:
SK
← 0, L1 ← 0, L0 ← 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com