công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 336 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 336 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 332Page - NEC MPD78CP18KB Datasheet HTML 333Page - NEC MPD78CP18KB Datasheet HTML 334Page - NEC MPD78CP18KB Datasheet HTML 335Page - NEC MPD78CP18KB Datasheet HTML 336Page - NEC MPD78CP18KB Datasheet HTML 337Page - NEC MPD78CP18KB Datasheet HTML 338Page - NEC MPD78CP18KB Datasheet HTML 339Page - NEC MPD78CP18KB Datasheet HTML 340Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 373 page
background image
CHAPTER 14
INSTRUCTION SET
318
SOFTI
(Software Interrupt)
<1> Operation code
:
01110010
<2> Number of bytes :
1
<3> Number of states :
16
<4> Function
:
(SP–1)
← PSW, (SP–2) ← PC+115–8,
(SP–3)
← PC+17–0, SP ← SP–3,
PC
← 0060H
This is the software interrupt instruction which stores the PSW contents (Z, SK, HC, L1, L0 CY) in the stack
memory indicated by SP–1, then stores the high-order 8 bits of the start address of the next instruction in
the stack memory addressed by SP–2, and stores the low-order 8 bits in the stack memory addressed by
SP–3. The instruction then loads the 0060H into the program counter and jumps to address 0060H.
<5> Flags affected
:
SK
← 0, L1 ← 0, L0 ← 0
<6> Example
:
When a SOFTI instruction is executed at address 500.
SP–3
SP–2
SP–1
500 SOFTI
501
502
7
500=01F4H
0
Memory
0 Z SK HC L1 L0 0 CY
<7> NOTE
:
The following functional difference between the
µCOM-87 and 87AD series should
be noted: The
µCOM-87 SOFTI instruction saves the address of the SOFTI instruction
itself to the stack memory, whereas the address saved to the stack memory by the
87AD series SOFTI instruction is the start address of the next instruction.
Even if the skip condition is satisfied by execution of the instruction (arithmetic or
logical operation, increment/decrement, skip or RETS instruction) immediately preceding
the SOFTI instruction, the SOFTI is executed, not skipped (see 9.4 Maskable Interrupt
Operation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com