công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 333 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 333 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 329Page - NEC MPD78CP18KB Datasheet HTML 330Page - NEC MPD78CP18KB Datasheet HTML 331Page - NEC MPD78CP18KB Datasheet HTML 332Page - NEC MPD78CP18KB Datasheet HTML 333Page - NEC MPD78CP18KB Datasheet HTML 334Page - NEC MPD78CP18KB Datasheet HTML 335Page - NEC MPD78CP18KB Datasheet HTML 336Page - NEC MPD78CP18KB Datasheet HTML 337Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 373 page
background image
CHAPTER 14
INSTRUCTION SET
315
JRE word
(Jump Relative Extended)
<1> Operation code
:
0100111jH
jdispL
<2> Number of bytes :
2
<3> Number of states :
10 (7)
<4> Function
:
PC
← PC+2+jdisp
15
PC + 2
0
15
0
7
XS
15
0
+
8
9
jdisp
When S = 0: X = All 0's
When S = 1: X = All 1's
Jump address
Jumps to the address obtained by adding the 9-bit displacement value jdisp to the start address of the next
instruction. jdisp is handled as signed two's complement data (–256 to +255), with bit 8 (bit 0 of the 1st
byte) as the sign bit.
A jump destination address or label which takes account of the jump range should be directly written as the
operand of the JRE instruction. Thus, when a JRE instruction is executed at address 1000, for example,
the possible jump range is from address 746 to address 1257.
<5> Flags affected
:
SK
← 0, L1 ← 0, L0 ← 0
JEA
(Jump EA indirect)
<1> Operation code
:
01001000
00101000
<2> Number of bytes :
2
<3> Number of states :
8 (8)
<4> Function
:
PC
← EA
Loads the contents of the high-order 8 bits (EAH) of the extended accumulator into the high-order 8 bits
(PC15-8) of the program, counter, loads the low-order 8 bits (EAL) of the extended accumulator into the low-
order 8 bits (PC7-0), and jumps to the address indicated by the extended accumulator.
<5> Flags affected
:
SK
← 0, L1 ← 0, L0 ← 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com