công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 331 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 331 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 327Page - NEC MPD78CP18KB Datasheet HTML 328Page - NEC MPD78CP18KB Datasheet HTML 329Page - NEC MPD78CP18KB Datasheet HTML 330Page - NEC MPD78CP18KB Datasheet HTML 331Page - NEC MPD78CP18KB Datasheet HTML 332Page - NEC MPD78CP18KB Datasheet HTML 333Page - NEC MPD78CP18KB Datasheet HTML 334Page - NEC MPD78CP18KB Datasheet HTML 335Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 373 page
background image
CHAPTER 14
INSTRUCTION SET
313
14.6.12 Jump instructions
JMP word
(Jump direct)
<1> Operation code
:
01010100
Low address
High address
<2> Number of bytes :
3
<3> Number of states :
10 (10)
<4> Function
:
PC
← word
Loads the immediate data in the 2nd byte into the low-order 8 bits (PC7–0) of the program counter, loads the
immediate data in the 3rd byte into the high-order 8 bits (PC15-8), and jumps to the address indicated by the
immediate data.
<5> Flags affected
:
SK
← 0, L1 ← 0, L0 ← 0
<6> Example
:
MVI
C, 7FH
; C=127
LXI
H, 4000H
; HL=4000H
LXI
D, 5000H
; DE=5000H
BLOCK
; (DE)+
← (HL)+, C ← C–1
JMP
OWARI
; PC
← OWARI
; JUMP TO OWARI
When the 128-byte block transfer is completed, the program jumps to the address
indicated by the label OWARI.
JB
(Jump BC indirect)
<1> Operation code
:
00100001
<2> Number of bytes :
1
<3> Number of states :
4 (4)
<4> Function
:
PC15-8
← B, PC7–0 ← C
Loads the contents of the B register into the high-order 8 bits (PC15-8) of the program counter, loads the
contents of the C register into the low-order 8 bits (PC7–0), and jumps to the address indicated by the BC
register pair.
An effective method is, for example, to jump using the JB instruction after loading address information into
BC by means of the TABLE instruction.
<5> Flags affected
:
SK
← 0, L1 ← 0, L0 ← 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com