công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 221 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 221 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 217Page - NEC MPD78CP18KB Datasheet HTML 218Page - NEC MPD78CP18KB Datasheet HTML 219Page - NEC MPD78CP18KB Datasheet HTML 220Page - NEC MPD78CP18KB Datasheet HTML 221Page - NEC MPD78CP18KB Datasheet HTML 222Page - NEC MPD78CP18KB Datasheet HTML 223Page - NEC MPD78CP18KB Datasheet HTML 224Page - NEC MPD78CP18KB Datasheet HTML 225Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 373 page
background image
CHAPTER 12 PROM ACCESSES (
µPD78CP18/78CP14 ONLY)
The
µPD78CP18 and µPD78CP14 incorporate 32K-byte and 16K-byte EPROM respectively. Four modes can be
selected for the on-chip EPROM access range by means of bits MM5 to MM7 of the memory mapping register:
• 4K-byte mode
: Access to addresses 0000H to 0FFFH (
µPD78C11A mode)
• 8K-byte mode
: Access to addresses 0000H to 1FFFH (
µPD78C12A mode)
• 16K-byte mode
: Access to addresses 0000H to 3FFFH (
µPD78C14 mode)
• 32K-byte modeNote
: Access to addresses 0000H to 7FFFH (
µPD78C18 mode)
Note The 32K-byte mode applies to the
µPD78CP18 only.
The configuration of the
µPD78CP18/78C14 memory mapping registers is shown in Figures 12-1 and 12-2.
(1) Bits MM0 to MM2
These bits control the PD7 to PD0 port/expansion mode and input/output specification, and the PF7 to PF0
address output specification.
See 11.1.1 Memory mapping register (MM) for details.
(2) MM3 bit (RAE)
This bit controls enabling (RAE=1) and disabling (RAE=0) of on-chip RAM accesses.
See 11.1.1 Memory mapping register (MM) for details.
(3) Bits MM5 to MM7
These bits are used to specify the on-chip EPROM access range.
When STOP or RESET is input, these bits are reset: The
µPD78CP18 is set to the 32K-byte mode, and the
µPD78CP14 to the 16K-byte mode.
These bits are valid only in the
µPD78CP18/78CP14/78CG14Note: If data is written to these bits in the
µPD78C14/78C12A/78C11A, it is ignored by the CPU. Therefore, programs developed on the µPD78CP18/
78CP14/78CG14 can be transferred directly to mask ROM.
Note
The
µPD78CG14 is described in APPENDIX A INTRODUCTION TO PIGGYBACK PRODUCT.
203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com