| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPD78CP18KB bảng dữ liệu(PDF) 219 Page - NEC |
|
|
|||||||||||||||||||||||||||||
MPD78CP18KB bảng dữ liệu(HTML) 219 Page - NEC |
|
219 / 373 page ![]() CHAPTER 11 EXTERNAL DEVICE ACCESSES AND TIMINGS 201 11.3 Timings µPD78C18 operation timings are shown in Figures 11-13 to 11-15. Three oscillator frequency cycles (from rise to fall) are defined as one state, represented by Tn. One machine cycle is completed in 3 states (9 clock cycles) for all normal read and write operations, but 4 states (12 clock cycles) are required for an OP code fetch. Wait states (TW) cannot be inserted. (1) OP code fetch timing (see Figure 11-13) This is the timing for fetching the OP (operation) code of all instructions, and consists of 4 states, T1 to T4. The two states T1 and T2 are used for the program memory read, and T3 and T4 are used for internal processing (decoding). The upper address signal from the low-order 8 bits of the external memory reference address is output to AB15 through AB8 (PF7 through PF0) from the start of T1 to the end of T4. AD7 to AD0 (PD7 to PD0) function as the multiplexed address/data bus: The low-order 8 bits of the external memory reference address are output during T1, and then AD7 to AD0 become high-impedance. Since the address information on the AD7 to AD0 bus is only output temporarily, it must be latched by the external device. In the 87AD series a special timing signal, ALE, is provided for latching AD7 to AD0. The ALE signal is output in the T1 state of each machine cycle. A low-level RD signal is output low from midway through the T1 state to the beginning of T4. (2) External device read timing (see Figure 11-14) The data read machine cycle when an external device reference instruction is executed consists of T1 to T3. Except for the absence of T4, the timing for AB15 to AB8 (PF7 to PF0), AD7 to AD0 (PD7 to PD0), and ALE is the same as an OP code fetch. A low-level RD signal is output from midway through T1 to the beginning of T3. (3) External device write timing (see Figure 11-15) The data write machine cycle when an external device reference instruction is executed consists of 3 states, T1 to T3. The address outputs (AB15 to AB8 and AD7 to AD0) and the ALE signal are the same as for the read timing machine cycle. The write data is output to AD7 through AD0 from the beginning of T2 to the end of T3. To enable writing to the addressed device, a low-level WR signal is output from midway through T1 to the beginning of T3. When PD7 to PD0 are set as the multiplexed address/data bus (AD7 to AD0) and PF7 to PF0 as the address bus (AB15 to AB8), both the RD signal and the WR signal become high in machine cycles in which the external device is not accessed. However, the ALE signal is output and the contents of the internal address bus are output directly to port D and port F. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |