công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 218 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 218 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 214Page - NEC MPD78CP18KB Datasheet HTML 215Page - NEC MPD78CP18KB Datasheet HTML 216Page - NEC MPD78CP18KB Datasheet HTML 217Page - NEC MPD78CP18KB Datasheet HTML 218Page - NEC MPD78CP18KB Datasheet HTML 219Page - NEC MPD78CP18KB Datasheet HTML 220Page - NEC MPD78CP18KB Datasheet HTML 221Page - NEC MPD78CP18KB Datasheet HTML 222Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 373 page
background image
CHAPTER 11
EXTERNAL DEVICE ACCESSES AND TIMINGS
200
Figure 11-12.
µPD78C10A Address Space
,



,
,






,,
,,
,,









0000H
0FFFH
FF00H
FFFFH
0000H
0000H
3FFFH
4K-byte access
External device
On-chip RAM
External device
On-chip RAM
External device
On-chip RAM
16K-byte access
64K-byte access
MODE0 = 0
MODE1 = 0
MODE0 = 1
MODE1 = 0
MODE0 = 1
MODE1 = 1
Cautions 1. Instructions on port D or port F must not be executed in the 64K-byte access mode, as this
will result in an unpredictable operation.
2. A program which dynamically changes the port F input/output mode cannot be emulated by
an emulator, and therefore should not be used.
3. A WR pulse is output if an output instruction is executed on port D or port F in the 64K-byte
mode, and this must therefore on no account be performed.
4. With an emulator, the device may operate normally even if the RAE bit is not initialized by
an instruction.
5. Overwriting the RAE bit during program execution allows an apparent increase of 256 bytes
in the memory space. However, this operation cannot be emulated by an emulator, and should
therefore not be performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com