công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 225 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 225 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 221Page - NEC MPD78CP18KB Datasheet HTML 222Page - NEC MPD78CP18KB Datasheet HTML 223Page - NEC MPD78CP18KB Datasheet HTML 224Page - NEC MPD78CP18KB Datasheet HTML 225Page - NEC MPD78CP18KB Datasheet HTML 226Page - NEC MPD78CP18KB Datasheet HTML 227Page - NEC MPD78CP18KB Datasheet HTML 228Page - NEC MPD78CP18KB Datasheet HTML 229Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 373 page
background image
CHAPTER 13
PROM WRITE AND VERIFY OPERATIONS (
µPD78CP18/78CP14 ONLY)
The
µPD78CP18 and µPD78CP14 incorporate 32768 × 8-bit and 16384 × 8-bit PROM respectively as program
memory. The pins shown in Table 13-1 are used for write/verify operations on this PROM.
The
µPD78CP18/78CP14 program timing is µPD27C256A compatible, and this chapter should be read in conjunction
with documentation on the
µPD27C256A.
Table 13-1. Pin Functions in PROM Programming
Pin Name
Function
RESET
Low-level input (in write/verify and read)
MODE0
High-level input (in write/verify and read)
MODE1
Low-level input (in write/verify and read)
VPPNote1
High-voltage input (in write/verify), high-level input (in read)
CENote1
Chip enable input
OENote1
Output enable input
A13 to A0Notes1, 2
Address input
A14 to A0Notes1, 3
Address input
PF6Note2
Low-level input (in write/verify and read)
O7-O0Note1
Data input (in write), data output (in verity/read)
VDDNote1
Power supply voltage input
Notes 1. These pins correspond to the
µPD27C256A.
2.
µPD78CP14 only
3.
µPD78CP18 only
Cautions 1. The
µPD78CP18DW/78CP18KB/78CP14DW/78CP14KB/78CP14R, which are provided with
an erase window, should be fitted with a light-protective cover film when EPROM
erasure is not being performed.
2. The
µPD78CP18CW/78CP18GF-3BE/78CP18GQ-36/78CP14CW/78CP14G-36/78CP14GF-
3BE/78CP14L one-time PROM products are not provided with an erase window, and thus
UV erasure cannot be used on these devices.
207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com