công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 197 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 197 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 193Page - NEC MPD78CP18KB Datasheet HTML 194Page - NEC MPD78CP18KB Datasheet HTML 195Page - NEC MPD78CP18KB Datasheet HTML 196Page - NEC MPD78CP18KB Datasheet HTML 197Page - NEC MPD78CP18KB Datasheet HTML 198Page - NEC MPD78CP18KB Datasheet HTML 199Page - NEC MPD78CP18KB Datasheet HTML 200Page - NEC MPD78CP18KB Datasheet HTML 201Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 373 page
background image
CHAPTER 10
CONTROL FUNCTIONS
179
Figure 10-9. Hardware STOP Mode Release Timing (STOP Signal Rising to RESET Signal Input)
In the case of a hardware STOP mode release, as with a release of the software STOP mode by means of the
RESET signal, it is possible to differentiate between a power-on start and a start due to release of the hardware STOP
mode by testing the SB flag using a skip instruction.
10.1.7 Low supply voltage data retention mode
The low supply voltage data retention mode can be set by decreasing the VDD supply voltage after setting the
software/hardware STOP mode. RAM contents can be retained with lower power dissipation than in the software/
hardware STOP mode.
When returning from the software/hardware STOP mode by means of a reset, the SB flag is used to determine
whether the reset is a power-on reset. The SB flag is set (1) only when the supply voltage (VDD) changes from a
given voltage or below to a given voltage or above. This flag can be tested by the SKIT SB or SKNIT SB instruction,
and is automatically reset (0) when either of these instructions is executed.
Figure 10-10. Relation between VDD and SB Flag
VDD
SB flag
SKIT SB
SKNIT SB
STOP mode entered
Instruction
execution
Caution The software/hardware STOP mode should not be released while in the low supply voltage data
retention mode. VDD must be raised to the normal operating voltage before the release is
performed.
STOP
CPU
operation
OSC
RESET
Instruction
execution
Execution of address 0
instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com