công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 193 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 193 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 189Page - NEC MPD78CP18KB Datasheet HTML 190Page - NEC MPD78CP18KB Datasheet HTML 191Page - NEC MPD78CP18KB Datasheet HTML 192Page - NEC MPD78CP18KB Datasheet HTML 193Page - NEC MPD78CP18KB Datasheet HTML 194Page - NEC MPD78CP18KB Datasheet HTML 195Page - NEC MPD78CP18KB Datasheet HTML 196Page - NEC MPD78CP18KB Datasheet HTML 197Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 373 page
background image
CHAPTER 10
CONTROL FUNCTIONS
175
10.1.4 Software STOP mode release
(1) Release by RESET signal
When the RESET signal changes from the high to low level in the software STOP mode, the software STOP
mode is released and clock oscillation starts as soon as the reset state is set. When the RESET signal is driven
high after oscillation has stabilized, the CPU starts program execution at address 0.
When the RESET signal changes from the high to low level, clock oscillation starts but it takes time for
oscillation to stabilize. The RESET signal low-level width must therefore be longer than the oscillation
stabilization time.
When the RESET signal is input, the RAM contents are retained but the contents of other registers are
indeterminate.
Figure 10-4. Software STOP Mode Release Timing (RESET Signal Input)
If the software STOP mode is released by the RESET signal, program execution starts at address 0 as in the
case of a normal power-on reset. The SB (Standby) flag can be used to identify the program execution mode.
The SB flag is set (1) when the VDD pin rises from the specified low level or below to the specified high level
or above, and is reset (0) by executing a skip instruction. Thus, testing the SB flag using a skip instruction
in the program executed after RESET input makes it possible to differentiate between a power-on start and
a start due to release of the software STOP mode (see Figure 10-5). A set (1) SB flag indicates a power-
on start, and a reset (0) SB flag indicates a start due to release of the software STOP mode.
CPU
operation
OSC
RESET
STOP
Execution of address 0
instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com