công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 195 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 195 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 191Page - NEC MPD78CP18KB Datasheet HTML 192Page - NEC MPD78CP18KB Datasheet HTML 193Page - NEC MPD78CP18KB Datasheet HTML 194Page - NEC MPD78CP18KB Datasheet HTML 195Page - NEC MPD78CP18KB Datasheet HTML 196Page - NEC MPD78CP18KB Datasheet HTML 197Page - NEC MPD78CP18KB Datasheet HTML 198Page - NEC MPD78CP18KB Datasheet HTML 199Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 373 page
background image
CHAPTER 10
CONTROL FUNCTIONS
177
10.1.5 Hardware STOP mode
When the STOP signal changes from the high to low level, the hardware STOP mode is set. In this mode all clocks
stop. When the hardware STOP mode is set, program execution stops and the on-chip RAM contents just before
stoppage are retained, and the STOP signal used to release the hardware STOP mode is valid. All other functions
stop and the reset state is set. In the hardware STOP mode, the
µPD78C18 output pins become high-impedance.
However, the port output latch values are retained.
Cautions
1. Crystal oscillation or ceramic oscillation should be used when using the hardware STOP
mode. The hardware STOP mode must not be used when an external clock is input.
2. The STOP mode is entered at a machine cycle boundary. Thus memory contents are not
corrupted, but the STOP mode may be entered midway through execution of an instruction.
Therefore, with instructions which perform a 16-bit data transfer the STOP mode may be
entered after only 8 bits have been transferred, with the transfer of the remaining 8 bits
incomplete (16-bit data transfer instructions and call instructions).
3. If the STOP signal is input (high low level) during reset input (RESET = low level), a transition
is made from the reset state to the STOP mode.
4. The STOP pin must be driven high after powering-on. The reset will not function correctly
if the STOP pin is left low. The STOP pin can be driven low after oscillator operation has
stabilized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com