công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 200 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 200 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 196Page - NEC MPD78CP18KB Datasheet HTML 197Page - NEC MPD78CP18KB Datasheet HTML 198Page - NEC MPD78CP18KB Datasheet HTML 199Page - NEC MPD78CP18KB Datasheet HTML 200Page - NEC MPD78CP18KB Datasheet HTML 201Page - NEC MPD78CP18KB Datasheet HTML 202Page - NEC MPD78CP18KB Datasheet HTML 203Page - NEC MPD78CP18KB Datasheet HTML 204Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 373 page
background image
CHAPTER 10
CONTROL FUNCTIONS
182
10.3 Clock Generation Circuit
The
µPD78C18 incorporates a clock generation circuit, allowing the necessary clock to be generated simply by
connecting a crystal or a ceramic resonator and capacitors. It is also possible to input an externally generated clock.
Figure 10-11 shows a circuit with a resonator connected, and Figure 10-12 shows an example of a circuit when an
external clock is input.
Figure 10-11. Oscillator Connection Circuit
Figure 10-12.
Example of External Clock Input
Circuit
µPD78C18
X1
X2
C1
C2
µPD78C18
X1
X2
HCMOS
inverter
Caution When using the system clock oscillator, the shaded area in Figure 10-11 should be wired in order
to avoid effects of wiring capacitor etc., as shown below.
•
Minimize the length of wiring.
•
Do not cross other signal lines, or position wiring close to a variable high current.
•
The connecting point of the oscillator capacitor should always be the same potential as VSS.
Do not connect it to the gland pattern where there is a high current.
•
Do not pick up the signal from the oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com