| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PSD4235G2V-10UI bảng dữ liệu(PDF) 86 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD4235G2V-10UI bảng dữ liệu(HTML) 86 Page - STMicroelectronics |
|
86 / 100 page ![]() PSD4256G6V 86/100 This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. Figure 42. Asynchronous Clock Mode Timing (product term clock) Figure 43. Input Macrocell Timing (Product Term Clock) Table 64. Input Macrocell Timing Note: 1. Inputs from Port A, B, and C relative to register/latch clock from the PLD. ALE latch timings refer to tAVLX and tLXAX. Symbol Parameter Conditions -10 PT Aloc Turbo Off Unit Min Max tIS Input Setup Time (Note 1) 0ns tIH Input Hold Time (Note 1) 25 + 20 ns tINH NIB Input High Time (Note 1) 13 ns tINL NIB Input Low Time (Note 1) 12 ns tINO NIB Input to Combinatorial Delay (Note 1) 55 + 4 + 20 ns tCHA tCLA tCOA tHA tSA CLOCK INPUT REGISTERED OUTPUT AI02859 tINH tINL tINO tIH tIS PT CLOCK INPUT OUTPUT AI03101 |