| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GRM0332C2A6R9DA01 bảng dữ liệu(PDF) 25 Page - Murata Manufacturing Co., Ltd |
|
|
|||||||||||||||||||||||||||||
GRM0332C2A6R9DA01 bảng dữ liệu(HTML) 25 Page - Murata Manufacturing Co., Ltd |
|
25 / 89 page ![]() Part number # indicates the package specification code. T max. Rated Voltage TC Code Cap. Tol. Part Number 0.33mm 50Vdc C0G 9.4pF ±0.05pF GRM0335C1H9R4WA01# ±0.1pF GRM0335C1H9R4BA01# ±0.25pF GRM0335C1H9R4CA01# ±0.5pF GRM0335C1H9R4DA01# 9.5pF ±0.05pF GRM0335C1H9R5WA01# ±0.1pF GRM0335C1H9R5BA01# ±0.25pF GRM0335C1H9R5CA01# ±0.5pF GRM0335C1H9R5DA01# 9.6pF ±0.05pF GRM0335C1H9R6WA01# ±0.1pF GRM0335C1H9R6BA01# ±0.25pF GRM0335C1H9R6CA01# ±0.5pF GRM0335C1H9R6DA01# 9.7pF ±0.05pF GRM0335C1H9R7WA01# ±0.1pF GRM0335C1H9R7BA01# ±0.25pF GRM0335C1H9R7CA01# ±0.5pF GRM0335C1H9R7DA01# 9.8pF ±0.05pF GRM0335C1H9R8WA01# ±0.1pF GRM0335C1H9R8BA01# ±0.25pF GRM0335C1H9R8CA01# ±0.5pF GRM0335C1H9R8DA01# 9.9pF ±0.05pF GRM0335C1H9R9WA01# ±0.1pF GRM0335C1H9R9BA01# ±0.25pF GRM0335C1H9R9CA01# ±0.5pF GRM0335C1H9R9DA01# 10pF ±2% GRM0335C1H100GA01# ±5% GRM0335C1H100JA01# 12pF ±2% GRM0335C1H120GA01# ±5% GRM0335C1H120JA01# 15pF ±2% GRM0335C1H150GA01# ±5% GRM0335C1H150JA01# 18pF ±2% GRM0335C1H180GA01# ±5% GRM0335C1H180JA01# 22pF ±2% GRM0335C1H220GA01# ±5% GRM0335C1H220JA01# 27pF ±2% GRM0335C1H270GA01# ±5% GRM0335C1H270JA01# 33pF ±2% GRM0335C1H330GA01# ±5% GRM0335C1H330JA01# 39pF ±2% GRM0335C1H390GA01# ±5% GRM0335C1H390JA01# 47pF ±2% GRM0335C1H470GA01# ±5% GRM0335C1H470JA01# 56pF ±2% GRM0335C1H560GA01# ±5% GRM0335C1H560JA01# 68pF ±2% GRM0335C1H680GA01# ±5% GRM0335C1H680JA01# 82pF ±2% GRM0335C1H820GA01# ±5% GRM0335C1H820JA01# 100pF ±2% GRM0335C1H101GA01# ±5% GRM0335C1H101JA01# 120pF ±2% GRM0335C1H121GA01# ±5% GRM0335C1H121JA01# 150pF ±2% GRM0335C1H151GA01# ±5% GRM0335C1H151JA01# GRM Series Temperature Compensating Type Part Number List (→ 0.6×0.3mm) T max. Rated Voltage TC Code Cap. Tol. Part Number 0.33mm 50Vdc C0G 180pF ±2% GRM0335C1H181GA01# ±5% GRM0335C1H181JA01# 220pF ±2% GRM0335C1H221GA01# ±5% GRM0335C1H221JA01# CK 0.10pF ±0.05pF GRM0334C1HR10WA01# 0.20pF ±0.05pF GRM0334C1HR20WA01# ±0.1pF GRM0334C1HR20BA01# 0.30pF ±0.05pF GRM0334C1HR30WA01# ±0.1pF GRM0334C1HR30BA01# 0.40pF ±0.05pF GRM0334C1HR40WA01# ±0.1pF GRM0334C1HR40BA01# 0.50pF ±0.05pF GRM0334C1HR50WA01# ±0.1pF GRM0334C1HR50BA01# 0.60pF ±0.05pF GRM0334C1HR60WA01# ±0.1pF GRM0334C1HR60BA01# 0.70pF ±0.05pF GRM0334C1HR70WA01# ±0.1pF GRM0334C1HR70BA01# 0.80pF ±0.05pF GRM0334C1HR80WA01# ±0.1pF GRM0334C1HR80BA01# 0.90pF ±0.05pF GRM0334C1HR90WA01# ±0.1pF GRM0334C1HR90BA01# 1.0pF ±0.05pF GRM0334C1H1R0WA01# ±0.1pF GRM0334C1H1R0BA01# ±0.25pF GRM0334C1H1R0CA01# 1.1pF ±0.05pF GRM0334C1H1R1WA01# ±0.1pF GRM0334C1H1R1BA01# ±0.25pF GRM0334C1H1R1CA01# 1.2pF ±0.05pF GRM0334C1H1R2WA01# ±0.1pF GRM0334C1H1R2BA01# ±0.25pF GRM0334C1H1R2CA01# 1.3pF ±0.05pF GRM0334C1H1R3WA01# ±0.1pF GRM0334C1H1R3BA01# ±0.25pF GRM0334C1H1R3CA01# 1.4pF ±0.05pF GRM0334C1H1R4WA01# ±0.1pF GRM0334C1H1R4BA01# ±0.25pF GRM0334C1H1R4CA01# 1.5pF ±0.05pF GRM0334C1H1R5WA01# ±0.1pF GRM0334C1H1R5BA01# ±0.25pF GRM0334C1H1R5CA01# 1.6pF ±0.05pF GRM0334C1H1R6WA01# ±0.1pF GRM0334C1H1R6BA01# ±0.25pF GRM0334C1H1R6CA01# 1.7pF ±0.05pF GRM0334C1H1R7WA01# ±0.1pF GRM0334C1H1R7BA01# ±0.25pF GRM0334C1H1R7CA01# 1.8pF ±0.05pF GRM0334C1H1R8WA01# ±0.1pF GRM0334C1H1R8BA01# ±0.25pF GRM0334C1H1R8CA01# 1.9pF ±0.05pF GRM0334C1H1R9WA01# ±0.1pF GRM0334C1H1R9BA01# ±0.25pF GRM0334C1H1R9CA01# 2.0pF ±0.05pF GRM0334C1H2R0WA01# ±0.1pF GRM0334C1H2R0BA01# ±0.25pF GRM0334C1H2R0CA01# C02E.pdf Nov.27,2017 ! Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 58 |