| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GRM0332C2A6R9DA01 bảng dữ liệu(PDF) 61 Page - Murata Manufacturing Co., Ltd |
|
|
|||||||||||||||||||||||||||||
GRM0332C2A6R9DA01 bảng dữ liệu(HTML) 61 Page - Murata Manufacturing Co., Ltd |
|
61 / 89 page ![]() Part number # indicates the package specification code. T max. Rated Voltage TC Code Cap. Tol. Part Number 1.0mm 630Vdc U2J 68pF ±5% GRM31A7U2J680JW31# 82pF ±5% GRM31A7U2J820JW31# 100pF ±5% GRM31A7U2J101JW31# 120pF ±5% GRM31A7U2J121JW31# 150pF ±5% GRM31A7U2J151JW31# 180pF ±5% GRM31A7U2J181JW31# 220pF ±5% GRM31A7U2J221JW31# 270pF ±5% GRM31A7U2J271JW31# 330pF ±5% GRM31A7U2J331JW31# 390pF ±5% GRM31A7U2J391JW31# 470pF ±5% GRM31A7U2J471JW31# 560pF ±5% GRM31A7U2J561JW31# 680pF ±5% GRM31A7U2J681JW31# 820pF ±5% GRM31A7U2J821JW31# 1000pF ±5% GRM31A7U2J102JW31# 1200pF ±5% GRM31A7U2J122JW31# 1500pF ±5% GRM31A7U2J152JW31# 1800pF ±5% GRM31A7U2J182JW31# 2200pF ±5% GRM31A7U2J222JW31# 500Vdc C0G 10pF ±5% GRM31A5C2H100JW01# 12pF ±5% GRM31A5C2H120JW01# 15pF ±5% GRM31A5C2H150JW01# 18pF ±5% GRM31A5C2H180JW01# 22pF ±5% GRM31A5C2H220JW01# 27pF ±5% GRM31A5C2H270JW01# 33pF ±5% GRM31A5C2H330JW01# 39pF ±5% GRM31A5C2H390JW01# 47pF ±5% GRM31A5C2H470JW01# 56pF ±5% GRM31A5C2H560JW01# 68pF ±5% GRM31A5C2H680JW01# 82pF ±5% GRM31A5C2H820JW01# 100pF ±5% GRM31A5C2H101JW01# 120pF ±5% GRM31A5C2H121JW01# 150pF ±5% GRM31A5C2H151JW01# 180pF ±5% GRM31A5C2H181JW01# 220pF ±5% GRM31A5C2H221JW01# 270pF ±5% GRM31A5C2H271JW01# 330pF ±5% GRM31A5C2H331JW01# 390pF ±5% GRM31A5C2H391JW01# 470pF ±5% GRM31A5C2H471JW01# 560pF ±5% GRM31A5C2H561JW01# U2J 10pF ±5% GRM31A7U2H100JW31# 12pF ±5% GRM31A7U2H120JW31# 15pF ±5% GRM31A7U2H150JW31# 18pF ±5% GRM31A7U2H180JW31# 22pF ±5% GRM31A7U2H220JW31# 27pF ±5% GRM31A7U2H270JW31# 33pF ±5% GRM31A7U2H330JW31# 39pF ±5% GRM31A7U2H390JW31# 47pF ±5% GRM31A7U2H470JW31# 56pF ±5% GRM31A7U2H560JW31# 68pF ±5% GRM31A7U2H680JW31# 82pF ±5% GRM31A7U2H820JW31# 100pF ±5% GRM31A7U2H101JW31# GRM Series Temperature Compensating Type Part Number List (→ 3.2×1.6mm) T max. Rated Voltage TC Code Cap. Tol. Part Number 1.0mm 500Vdc U2J 120pF ±5% GRM31A7U2H121JW31# 150pF ±5% GRM31A7U2H151JW31# 180pF ±5% GRM31A7U2H181JW31# 220pF ±5% GRM31A7U2H221JW31# 270pF ±5% GRM31A7U2H271JW31# 330pF ±5% GRM31A7U2H331JW31# 390pF ±5% GRM31A7U2H391JW31# 470pF ±5% GRM31A7U2H471JW31# 560pF ±5% GRM31A7U2H561JW31# 680pF ±5% GRM31A7U2H681JW31# 820pF ±5% GRM31A7U2H821JW31# 1000pF ±5% GRM31A7U2H102JW31# 1200pF ±5% GRM31A7U2H122JW31# 1500pF ±5% GRM31A7U2H152JW31# 1800pF ±5% GRM31A7U2H182JW31# 2200pF ±5% GRM31A7U2H222JW31# 250Vdc C0G 390pF ±5% GRM31A5C2E391JWA1# 470pF ±5% GRM31A5C2E471JWA1# 560pF ±5% GRM31A5C2E561JWA1# 680pF ±5% GRM31A5C2E681JWA1# 820pF ±5% GRM31A5C2E821JWA1# 1000pF ±5% GRM31A5C2E102JWA1# 1200pF ±5% GRM31A5C2E122JWA1# 1500pF ±5% GRM31A5C2E152JWA1# 1800pF ±5% GRM31A5C2E182JWA1# 2200pF ±5% GRM31A5C2E222JWA1# 2700pF ±5% GRM31A5C2E272JWA1# 3300pF ±5% GRM31A5C2E332JWA1# 3900pF ±5% GRM31A5C2E392JWA1# 4700pF ±5% GRM31A5C2E472JWA1# 5600pF ±5% GRM31A5C2E562JWA1# 6800pF ±5% GRM31A5C2E682JWA1# U2J 2700pF ±5% GRM31A7U2E272JW31# 3300pF ±5% GRM31A7U2E332JW31# 3900pF ±5% GRM31A7U2E392JW31# 4700pF ±5% GRM31A7U2E472JW31# 5600pF ±5% GRM31A7U2E562JW31# 200Vdc U2J 2700pF ±5% GRM31A7U2D272JW31# 3300pF ±5% GRM31A7U2D332JW31# 3900pF ±5% GRM31A7U2D392JW31# 4700pF ±5% GRM31A7U2D472JW31# 5600pF ±5% GRM31A7U2D562JW31# 1.25mm 1000Vdc C0G 560pF ±5% GRM31B5C3A561JWA1# 680pF ±5% GRM31B5C3A681JWA1# U2J 390pF ±5% GRM31B7U3A391JW31# 470pF ±5% GRM31B7U3A471JW31# 560pF ±5% GRM31B7U3A561JW31# 680pF ±5% GRM31B7U3A681JW31# 630Vdc C0G 680pF ±5% GRM31B5C2J681JW01# 820pF ±5% GRM31B5C2J821JW01# 1000pF ±5% GRM31B5C2J102JW01# 2200pF ±5% GRM31B5C2J222JWA1# 2700pF ±5% GRM31B5C2J272JWA1# U2J 2700pF ±5% GRM31B7U2J272JW31# C02E.pdf Nov.27,2017 ! Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 94 |