| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GRM0332C2A6R9DA01 bảng dữ liệu(PDF) 8 Page - Murata Manufacturing Co., Ltd |
|
|
|||||||||||||||||||||||||||||
GRM0332C2A6R9DA01 bảng dữ liệu(HTML) 8 Page - Murata Manufacturing Co., Ltd |
|
8 / 89 page ![]() Part number # indicates the package specification code. GRM Series Temperature Compensating Type Part Number List 0.4×0.2mm T max. Rated Voltage TC Code Cap. Tol. Part Number 0.22mm 50Vdc C0G 0.20pF ±0.05pF GRM0225C1HR20WA03# ±0.1pF GRM0225C1HR20BA03# 0.30pF ±0.05pF GRM0225C1HR30WA03# ±0.1pF GRM0225C1HR30BA03# 0.40pF ±0.05pF GRM0225C1HR40WA03# ±0.1pF GRM0225C1HR40BA03# 0.50pF ±0.05pF GRM0225C1HR50WA03# ±0.1pF GRM0225C1HR50BA03# 0.60pF ±0.05pF GRM0225C1HR60WA03# ±0.1pF GRM0225C1HR60BA03# 0.70pF ±0.05pF GRM0225C1HR70WA03# ±0.1pF GRM0225C1HR70BA03# 0.80pF ±0.05pF GRM0225C1HR80WA03# ±0.1pF GRM0225C1HR80BA03# 0.90pF ±0.05pF GRM0225C1HR90WA03# ±0.1pF GRM0225C1HR90BA03# 1.0pF ±0.05pF GRM0225C1H1R0WA03# ±0.1pF GRM0225C1H1R0BA03# ±0.25pF GRM0225C1H1R0CA03# 1.1pF ±0.05pF GRM0225C1H1R1WA03# ±0.1pF GRM0225C1H1R1BA03# ±0.25pF GRM0225C1H1R1CA03# 1.2pF ±0.05pF GRM0225C1H1R2WA03# ±0.1pF GRM0225C1H1R2BA03# ±0.25pF GRM0225C1H1R2CA03# 1.3pF ±0.05pF GRM0225C1H1R3WA03# ±0.1pF GRM0225C1H1R3BA03# ±0.25pF GRM0225C1H1R3CA03# 1.4pF ±0.05pF GRM0225C1H1R4WA03# ±0.1pF GRM0225C1H1R4BA03# ±0.25pF GRM0225C1H1R4CA03# 1.5pF ±0.05pF GRM0225C1H1R5WA03# ±0.1pF GRM0225C1H1R5BA03# ±0.25pF GRM0225C1H1R5CA03# 1.6pF ±0.05pF GRM0225C1H1R6WA03# ±0.1pF GRM0225C1H1R6BA03# ±0.25pF GRM0225C1H1R6CA03# 1.7pF ±0.05pF GRM0225C1H1R7WA03# ±0.1pF GRM0225C1H1R7BA03# ±0.25pF GRM0225C1H1R7CA03# 1.8pF ±0.05pF GRM0225C1H1R8WA03# ±0.1pF GRM0225C1H1R8BA03# ±0.25pF GRM0225C1H1R8CA03# 1.9pF ±0.05pF GRM0225C1H1R9WA03# ±0.1pF GRM0225C1H1R9BA03# ±0.25pF GRM0225C1H1R9CA03# 2.0pF ±0.05pF GRM0225C1H2R0WA03# ±0.1pF GRM0225C1H2R0BA03# ±0.25pF GRM0225C1H2R0CA03# 2.1pF ±0.05pF GRM0225C1H2R1WA03# ±0.1pF GRM0225C1H2R1BA03# ±0.25pF GRM0225C1H2R1CA03# T max. Rated Voltage TC Code Cap. Tol. Part Number 0.22mm 50Vdc C0G 2.2pF ±0.05pF GRM0225C1H2R2WA03# ±0.1pF GRM0225C1H2R2BA03# ±0.25pF GRM0225C1H2R2CA03# 2.3pF ±0.05pF GRM0225C1H2R3WA03# ±0.1pF GRM0225C1H2R3BA03# ±0.25pF GRM0225C1H2R3CA03# 2.4pF ±0.05pF GRM0225C1H2R4WA03# ±0.1pF GRM0225C1H2R4BA03# ±0.25pF GRM0225C1H2R4CA03# 2.5pF ±0.05pF GRM0225C1H2R5WA03# ±0.1pF GRM0225C1H2R5BA03# ±0.25pF GRM0225C1H2R5CA03# 2.6pF ±0.05pF GRM0225C1H2R6WA03# ±0.1pF GRM0225C1H2R6BA03# ±0.25pF GRM0225C1H2R6CA03# 2.7pF ±0.05pF GRM0225C1H2R7WA03# ±0.1pF GRM0225C1H2R7BA03# ±0.25pF GRM0225C1H2R7CA03# 2.8pF ±0.05pF GRM0225C1H2R8WA03# ±0.1pF GRM0225C1H2R8BA03# ±0.25pF GRM0225C1H2R8CA03# 2.9pF ±0.05pF GRM0225C1H2R9WA03# ±0.1pF GRM0225C1H2R9BA03# ±0.25pF GRM0225C1H2R9CA03# 3.0pF ±0.05pF GRM0225C1H3R0WA03# ±0.1pF GRM0225C1H3R0BA03# ±0.25pF GRM0225C1H3R0CA03# 3.1pF ±0.05pF GRM0225C1H3R1WA03# ±0.1pF GRM0225C1H3R1BA03# ±0.25pF GRM0225C1H3R1CA03# 3.2pF ±0.05pF GRM0225C1H3R2WA03# ±0.1pF GRM0225C1H3R2BA03# ±0.25pF GRM0225C1H3R2CA03# 3.3pF ±0.05pF GRM0225C1H3R3WA03# ±0.1pF GRM0225C1H3R3BA03# ±0.25pF GRM0225C1H3R3CA03# 3.4pF ±0.05pF GRM0225C1H3R4WA03# ±0.1pF GRM0225C1H3R4BA03# ±0.25pF GRM0225C1H3R4CA03# 3.5pF ±0.05pF GRM0225C1H3R5WA03# ±0.1pF GRM0225C1H3R5BA03# ±0.25pF GRM0225C1H3R5CA03# 3.6pF ±0.05pF GRM0225C1H3R6WA03# ±0.1pF GRM0225C1H3R6BA03# ±0.25pF GRM0225C1H3R6CA03# 3.7pF ±0.05pF GRM0225C1H3R7WA03# ±0.1pF GRM0225C1H3R7BA03# ±0.25pF GRM0225C1H3R7CA03# 3.8pF ±0.05pF GRM0225C1H3R8WA03# ±0.1pF GRM0225C1H3R8BA03# ±0.25pF GRM0225C1H3R8CA03# 3.9pF ±0.05pF GRM0225C1H3R9WA03# ±0.1pF GRM0225C1H3R9BA03# ±0.25pF GRM0225C1H3R9CA03# C02E.pdf Nov.27,2017 ! Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 41 |