| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GRM0332C2A6R9DA01 bảng dữ liệu(PDF) 15 Page - Murata Manufacturing Co., Ltd |
|
|
|||||||||||||||||||||||||||||
GRM0332C2A6R9DA01 bảng dữ liệu(HTML) 15 Page - Murata Manufacturing Co., Ltd |
|
15 / 89 page ![]() Part number # indicates the package specification code. T max. Rated Voltage TC Code Cap. Tol. Part Number 0.22mm 16Vdc CH 150pF ±5% GRM0222C1C151JA02# 180pF ±5% GRM0222C1C181JA02# 220pF ±5% GRM0222C1C221JA02# GRM Series Temperature Compensating Type Part Number List (→ 0.4×0.2mm) 0.6×0.3mm T max. Rated Voltage TC Code Cap. Tol. Part Number 0.33mm 100Vdc C0G 0.10pF ±0.05pF GRM0335C2AR10WA01# 0.20pF ±0.05pF GRM0335C2AR20WA01# ±0.1pF GRM0335C2AR20BA01# 0.30pF ±0.05pF GRM0335C2AR30WA01# ±0.1pF GRM0335C2AR30BA01# 0.40pF ±0.05pF GRM0335C2AR40WA01# ±0.1pF GRM0335C2AR40BA01# 0.50pF ±0.05pF GRM0335C2AR50WA01# ±0.1pF GRM0335C2AR50BA01# 0.60pF ±0.05pF GRM0335C2AR60WA01# ±0.1pF GRM0335C2AR60BA01# 0.70pF ±0.05pF GRM0335C2AR70WA01# ±0.1pF GRM0335C2AR70BA01# 0.80pF ±0.05pF GRM0335C2AR80WA01# ±0.1pF GRM0335C2AR80BA01# 0.90pF ±0.05pF GRM0335C2AR90WA01# ±0.1pF GRM0335C2AR90BA01# 1.0pF ±0.05pF GRM0335C2A1R0WA01# ±0.1pF GRM0335C2A1R0BA01# ±0.25pF GRM0335C2A1R0CA01# 1.1pF ±0.05pF GRM0335C2A1R1WA01# ±0.1pF GRM0335C2A1R1BA01# ±0.25pF GRM0335C2A1R1CA01# 1.2pF ±0.05pF GRM0335C2A1R2WA01# ±0.1pF GRM0335C2A1R2BA01# ±0.25pF GRM0335C2A1R2CA01# 1.3pF ±0.05pF GRM0335C2A1R3WA01# ±0.1pF GRM0335C2A1R3BA01# ±0.25pF GRM0335C2A1R3CA01# 1.4pF ±0.05pF GRM0335C2A1R4WA01# ±0.1pF GRM0335C2A1R4BA01# ±0.25pF GRM0335C2A1R4CA01# 1.5pF ±0.05pF GRM0335C2A1R5WA01# ±0.1pF GRM0335C2A1R5BA01# ±0.25pF GRM0335C2A1R5CA01# 1.6pF ±0.05pF GRM0335C2A1R6WA01# ±0.1pF GRM0335C2A1R6BA01# ±0.25pF GRM0335C2A1R6CA01# 1.7pF ±0.05pF GRM0335C2A1R7WA01# ±0.1pF GRM0335C2A1R7BA01# ±0.25pF GRM0335C2A1R7CA01# 1.8pF ±0.05pF GRM0335C2A1R8WA01# ±0.1pF GRM0335C2A1R8BA01# ±0.25pF GRM0335C2A1R8CA01# 1.9pF ±0.05pF GRM0335C2A1R9WA01# ±0.1pF GRM0335C2A1R9BA01# T max. Rated Voltage TC Code Cap. Tol. Part Number 0.33mm 100Vdc C0G 1.9pF ±0.25pF GRM0335C2A1R9CA01# 2.0pF ±0.05pF GRM0335C2A2R0WA01# ±0.1pF GRM0335C2A2R0BA01# ±0.25pF GRM0335C2A2R0CA01# 2.1pF ±0.05pF GRM0335C2A2R1WA01# ±0.1pF GRM0335C2A2R1BA01# ±0.25pF GRM0335C2A2R1CA01# 2.2pF ±0.05pF GRM0335C2A2R2WA01# ±0.1pF GRM0335C2A2R2BA01# ±0.25pF GRM0335C2A2R2CA01# 2.3pF ±0.05pF GRM0335C2A2R3WA01# ±0.1pF GRM0335C2A2R3BA01# ±0.25pF GRM0335C2A2R3CA01# 2.4pF ±0.05pF GRM0335C2A2R4WA01# ±0.1pF GRM0335C2A2R4BA01# ±0.25pF GRM0335C2A2R4CA01# 2.5pF ±0.05pF GRM0335C2A2R5WA01# ±0.1pF GRM0335C2A2R5BA01# ±0.25pF GRM0335C2A2R5CA01# 2.6pF ±0.05pF GRM0335C2A2R6WA01# ±0.1pF GRM0335C2A2R6BA01# ±0.25pF GRM0335C2A2R6CA01# 2.7pF ±0.05pF GRM0335C2A2R7WA01# ±0.1pF GRM0335C2A2R7BA01# ±0.25pF GRM0335C2A2R7CA01# 2.8pF ±0.05pF GRM0335C2A2R8WA01# ±0.1pF GRM0335C2A2R8BA01# ±0.25pF GRM0335C2A2R8CA01# 2.9pF ±0.05pF GRM0335C2A2R9WA01# ±0.1pF GRM0335C2A2R9BA01# ±0.25pF GRM0335C2A2R9CA01# 3.0pF ±0.05pF GRM0335C2A3R0WA01# ±0.1pF GRM0335C2A3R0BA01# ±0.25pF GRM0335C2A3R0CA01# 3.1pF ±0.05pF GRM0335C2A3R1WA01# ±0.1pF GRM0335C2A3R1BA01# ±0.25pF GRM0335C2A3R1CA01# 3.2pF ±0.05pF GRM0335C2A3R2WA01# ±0.1pF GRM0335C2A3R2BA01# ±0.25pF GRM0335C2A3R2CA01# 3.3pF ±0.05pF GRM0335C2A3R3WA01# ±0.1pF GRM0335C2A3R3BA01# ±0.25pF GRM0335C2A3R3CA01# 3.4pF ±0.05pF GRM0335C2A3R4WA01# ±0.1pF GRM0335C2A3R4BA01# ±0.25pF GRM0335C2A3R4CA01# 3.5pF ±0.05pF GRM0335C2A3R5WA01# ±0.1pF GRM0335C2A3R5BA01# ±0.25pF GRM0335C2A3R5CA01# 3.6pF ±0.05pF GRM0335C2A3R6WA01# ±0.1pF GRM0335C2A3R6BA01# ±0.25pF GRM0335C2A3R6CA01# 3.7pF ±0.05pF GRM0335C2A3R7WA01# ±0.1pF GRM0335C2A3R7BA01# C02E.pdf Nov.27,2017 ! Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 48 |