| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GRM0332C2A6R9DA01 bảng dữ liệu(PDF) 42 Page - Murata Manufacturing Co., Ltd |
|
|
|||||||||||||||||||||||||||||
GRM0332C2A6R9DA01 bảng dữ liệu(HTML) 42 Page - Murata Manufacturing Co., Ltd |
|
42 / 89 page ![]() Part number # indicates the package specification code. T max. Rated Voltage TC Code Cap. Tol. Part Number 0.55mm 50Vdc CH 8.0pF ±0.5pF GRM1552C1H8R0DA01# 8.1pF ±0.05pF GRM1552C1H8R1WA01# ±0.1pF GRM1552C1H8R1BA01# ±0.25pF GRM1552C1H8R1CA01# ±0.5pF GRM1552C1H8R1DA01# 8.2pF ±0.05pF GRM1552C1H8R2WA01# ±0.1pF GRM1552C1H8R2BA01# ±0.25pF GRM1552C1H8R2CA01# ±0.5pF GRM1552C1H8R2DA01# 8.3pF ±0.05pF GRM1552C1H8R3WA01# ±0.1pF GRM1552C1H8R3BA01# ±0.25pF GRM1552C1H8R3CA01# ±0.5pF GRM1552C1H8R3DA01# 8.4pF ±0.05pF GRM1552C1H8R4WA01# ±0.1pF GRM1552C1H8R4BA01# ±0.25pF GRM1552C1H8R4CA01# ±0.5pF GRM1552C1H8R4DA01# 8.5pF ±0.05pF GRM1552C1H8R5WA01# ±0.1pF GRM1552C1H8R5BA01# ±0.25pF GRM1552C1H8R5CA01# ±0.5pF GRM1552C1H8R5DA01# 8.6pF ±0.05pF GRM1552C1H8R6WA01# ±0.1pF GRM1552C1H8R6BA01# ±0.25pF GRM1552C1H8R6CA01# ±0.5pF GRM1552C1H8R6DA01# 8.7pF ±0.05pF GRM1552C1H8R7WA01# ±0.1pF GRM1552C1H8R7BA01# ±0.25pF GRM1552C1H8R7CA01# ±0.5pF GRM1552C1H8R7DA01# 8.8pF ±0.05pF GRM1552C1H8R8WA01# ±0.1pF GRM1552C1H8R8BA01# ±0.25pF GRM1552C1H8R8CA01# ±0.5pF GRM1552C1H8R8DA01# 8.9pF ±0.05pF GRM1552C1H8R9WA01# ±0.1pF GRM1552C1H8R9BA01# ±0.25pF GRM1552C1H8R9CA01# ±0.5pF GRM1552C1H8R9DA01# 9.0pF ±0.05pF GRM1552C1H9R0WA01# ±0.1pF GRM1552C1H9R0BA01# ±0.25pF GRM1552C1H9R0CA01# ±0.5pF GRM1552C1H9R0DA01# 9.1pF ±0.05pF GRM1552C1H9R1WA01# ±0.1pF GRM1552C1H9R1BA01# ±0.25pF GRM1552C1H9R1CA01# ±0.5pF GRM1552C1H9R1DA01# 9.2pF ±0.05pF GRM1552C1H9R2WA01# ±0.1pF GRM1552C1H9R2BA01# ±0.25pF GRM1552C1H9R2CA01# ±0.5pF GRM1552C1H9R2DA01# 9.3pF ±0.05pF GRM1552C1H9R3WA01# ±0.1pF GRM1552C1H9R3BA01# ±0.25pF GRM1552C1H9R3CA01# ±0.5pF GRM1552C1H9R3DA01# 9.4pF ±0.05pF GRM1552C1H9R4WA01# GRM Series Temperature Compensating Type Part Number List (→ 1.0×0.5mm) T max. Rated Voltage TC Code Cap. Tol. Part Number 0.55mm 50Vdc CH 9.4pF ±0.1pF GRM1552C1H9R4BA01# ±0.25pF GRM1552C1H9R4CA01# ±0.5pF GRM1552C1H9R4DA01# 9.5pF ±0.05pF GRM1552C1H9R5WA01# ±0.1pF GRM1552C1H9R5BA01# ±0.25pF GRM1552C1H9R5CA01# ±0.5pF GRM1552C1H9R5DA01# 9.6pF ±0.05pF GRM1552C1H9R6WA01# ±0.1pF GRM1552C1H9R6BA01# ±0.25pF GRM1552C1H9R6CA01# ±0.5pF GRM1552C1H9R6DA01# 9.7pF ±0.05pF GRM1552C1H9R7WA01# ±0.1pF GRM1552C1H9R7BA01# ±0.25pF GRM1552C1H9R7CA01# ±0.5pF GRM1552C1H9R7DA01# 9.8pF ±0.05pF GRM1552C1H9R8WA01# ±0.1pF GRM1552C1H9R8BA01# ±0.25pF GRM1552C1H9R8CA01# ±0.5pF GRM1552C1H9R8DA01# 9.9pF ±0.05pF GRM1552C1H9R9WA01# ±0.1pF GRM1552C1H9R9BA01# ±0.25pF GRM1552C1H9R9CA01# ±0.5pF GRM1552C1H9R9DA01# 10pF ±2% GRM1552C1H100GA01# ±5% GRM1552C1H100JA01# 12pF ±2% GRM1552C1H120GA01# ±5% GRM1552C1H120JA01# 15pF ±2% GRM1552C1H150GA01# ±5% GRM1552C1H150JA01# 18pF ±2% GRM1552C1H180GA01# ±5% GRM1552C1H180JA01# 22pF ±2% GRM1552C1H220GA01# ±5% GRM1552C1H220JA01# 27pF ±2% GRM1552C1H270GA01# ±5% GRM1552C1H270JA01# 33pF ±2% GRM1552C1H330GA01# ±5% GRM1552C1H330JA01# 39pF ±2% GRM1552C1H390GA01# ±5% GRM1552C1H390JA01# 47pF ±2% GRM1552C1H470GA01# ±5% GRM1552C1H470JA01# 56pF ±2% GRM1552C1H560GA01# ±5% GRM1552C1H560JA01# 68pF ±2% GRM1552C1H680GA01# ±5% GRM1552C1H680JA01# 82pF ±2% GRM1552C1H820GA01# ±5% GRM1552C1H820JA01# 100pF ±2% GRM1552C1H101GA01# ±5% GRM1552C1H101JA01# 120pF ±2% GRM1552C1H121GA01# ±5% GRM1552C1H121JA01# 150pF ±2% GRM1552C1H151GA01# ±5% GRM1552C1H151JA01# 180pF ±2% GRM1552C1H181GA01# C02E.pdf Nov.27,2017 ! Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 75 |