| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GRM0332C2A6R9DA01 bảng dữ liệu(PDF) 62 Page - Murata Manufacturing Co., Ltd |
|
|
|||||||||||||||||||||||||||||
GRM0332C2A6R9DA01 bảng dữ liệu(HTML) 62 Page - Murata Manufacturing Co., Ltd |
|
62 / 89 page ![]() Part number # indicates the package specification code. T max. Rated Voltage TC Code Cap. Tol. Part Number 1.25mm 630Vdc U2J 3300pF ±5% GRM31B7U2J332JW31# 500Vdc C0G 680pF ±5% GRM31B5C2H681JW01# 820pF ±5% GRM31B5C2H821JW01# 1000pF ±5% GRM31B5C2H102JW01# U2J 2700pF ±5% GRM31B7U2H272JW31# 3300pF ±5% GRM31B7U2H332JW31# 250Vdc C0G 8200pF ±5% GRM31B5C2E822JWA1# 10000pF ±5% GRM31B5C2E103JWA1# 12000pF ±5% GRM31B5C2E123JWA1# U2J 6800pF ±5% GRM31B7U2E682JW31# 8200pF ±5% GRM31B7U2E822JW31# 10000pF ±5% GRM31B7U2E103JW31# 12000pF ±5% GRM31B7U2E123JW31# 200Vdc U2J 6800pF ±5% GRM31B7U2D682JW31# 8200pF ±5% GRM31B7U2D822JW31# 10000pF ±5% GRM31B7U2D103JW31# 100Vdc C0G 47000pF ±5% GRM31M5C2A473JA01# 56000pF ±5% GRM31M5C2A563JA01# CH 47000pF ±5% GRM31M2C2A473JA01# 56000pF ±5% GRM31M2C2A563JA01# 50Vdc C0G 47000pF ±5% GRM31M5C1H473JA01# 56000pF ±5% GRM31M5C1H563JA01# CH 47000pF ±5% GRM31M2C1H473JA01# 56000pF ±5% GRM31M2C1H563JA01# SL 68000pF ±5% GRM31M1X1H683JA01# 82000pF ±5% GRM31M1X1H823JA01# 0.10µF ±5% GRM31M1X1H104JA01# U2J 68000pF ±5% GRM31M7U1H683JA01# 82000pF ±5% GRM31M7U1H823JA01# 0.10µF ±5% GRM31M7U1H104JA01# UJ 68000pF ±5% GRM31M3U1H683JA01# 82000pF ±5% GRM31M3U1H823JA01# 0.10µF ±5% GRM31M3U1H104JA01# 1.8mm 1000Vdc C0G 820pF ±5% GRM31C5C3A821JWA3# 1000pF ±5% GRM31C5C3A102JWA3# U2J 820pF ±5% GRM31C7U3A821JW32# 1000pF ±5% GRM31C7U3A102JW32# 630Vdc C0G 3300pF ±5% GRM31C5C2J332JWA3# U2J 3900pF ±5% GRM31C7U2J392JW32# 4700pF ±5% GRM31C7U2J472JW32# 500Vdc U2J 3900pF ±5% GRM31C7U2H392JW32# 4700pF ±5% GRM31C7U2H472JW32# 250Vdc C0G 15000pF ±5% GRM31C5C2E153JWA3# U2J 15000pF ±5% GRM31C7U2E153JW32# 18000pF ±5% GRM31C7U2E183JW32# 22000pF ±5% GRM31C7U2E223JW32# 100Vdc C0G 68000pF ±5% GRM31C5C2A683JA01# 82000pF ±5% GRM31C5C2A823JA01# 0.10µF ±5% GRM31C5C2A104JA01# CH 68000pF ±5% GRM31C2C2A683JA01# 82000pF ±5% GRM31C2C2A823JA01# 0.10µF ±5% GRM31C2C2A104JA01# 50Vdc C0G 68000pF ±5% GRM31C5C1H683JA01# 82000pF ±5% GRM31C5C1H823JA01# GRM Series Temperature Compensating Type Part Number List (→ 3.2×1.6mm) T max. Rated Voltage TC Code Cap. Tol. Part Number 1.8mm 50Vdc C0G 0.10µF ±5% GRM31C5C1H104JA01# CH 68000pF ±5% GRM31C2C1H683JA01# 82000pF ±5% GRM31C2C1H823JA01# 0.10µF ±5% GRM31C2C1H104JA01# 25Vdc C0G 0.12µF ±5% GRM31C5C1E124JA01# CH 0.12µF ±5% GRM31C2C1E124JA01# 16Vdc C0G 0.12µF ±5% GRM31C5C1C124JA01# CH 0.12µF ±5% GRM31C2C1C124JA01# 3.2×2.5mm T max. Rated Voltage TC Code Cap. Tol. Part Number 1.0mm 2000Vdc U2J 82pF ±5% GRM32A7U3D820JW31# 100pF ±5% GRM32A7U3D101JW31# 120pF ±5% GRM32A7U3D121JW31# 150pF ±5% GRM32A7U3D151JW31# 630Vdc U2J 1200pF ±5% GRM32A7U2J122JW31# 1500pF ±5% GRM32A7U2J152JW31# 1800pF ±5% GRM32A7U2J182JW31# 2200pF ±5% GRM32A7U2J222JW31# 500Vdc U2J 1200pF ±5% GRM32A7U2H122JW31# 1500pF ±5% GRM32A7U2H152JW31# 1800pF ±5% GRM32A7U2H182JW31# 2200pF ±5% GRM32A7U2H222JW31# 1.25mm 2000Vdc U2J 180pF ±5% GRM32B7U3D181JW31# 220pF ±5% GRM32B7U3D221JW31# 1000Vdc U2J 1200pF ±5% GRM32B7U3A122JW31# 630Vdc U2J 5600pF ±5% GRM32B7U2J562JW31# 500Vdc U2J 5600pF ±5% GRM32B7U2H562JW31# 1.5mm 1000Vdc U2J 1500pF ±5% GRM32Q7U3A152JW31# 630Vdc U2J 6800pF ±5% GRM32Q7U2J682JW31# 500Vdc U2J 6800pF ±5% GRM32Q7U2H682JW31# 250Vdc U2J 27000pF ±5% GRM32Q7U2E273JW31# 2.0mm 1000Vdc U2J 1800pF ±5% GRM32D7U3A182JW31# 2200pF ±5% GRM32D7U3A222JW31# 630Vdc U2J 8200pF ±5% GRM32D7U2J822JW31# 10000pF ±5% GRM32D7U2J103JW31# 500Vdc U2J 8200pF ±5% GRM32D7U2H822JW31# 10000pF ±5% GRM32D7U2H103JW31# 250Vdc U2J 33000pF ±5% GRM32D7U2E333JW31# 39000pF ±5% GRM32D7U2E393JW31# 47000pF ±5% GRM32D7U2E473JW31# 4.5×2.0mm T max. Rated Voltage TC Code Cap. Tol. Part Number 1.0mm 3150Vdc U2J 10pF ±5% GRM42A7U3F100JW31# 12pF ±5% GRM42A7U3F120JW31# 15pF ±5% GRM42A7U3F150JW31# 18pF ±5% GRM42A7U3F180JW31# 22pF ±5% GRM42A7U3F220JW31# 27pF ±5% GRM42A7U3F270JW31# C02E.pdf Nov.27,2017 ! Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 95 |