| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GRM0332C2A6R9DA01 bảng dữ liệu(PDF) 37 Page - Murata Manufacturing Co., Ltd |
|
|
|||||||||||||||||||||||||||||
GRM0332C2A6R9DA01 bảng dữ liệu(HTML) 37 Page - Murata Manufacturing Co., Ltd |
|
37 / 89 page ![]() Part number # indicates the package specification code. T max. Rated Voltage TC Code Cap. Tol. Part Number 0.55mm 50Vdc C0G 3.9pF ±0.1pF GRM1555C1H3R9BA01# ±0.25pF GRM1555C1H3R9CA01# 4.0pF ±0.05pF GRM1555C1H4R0WA01# ±0.1pF GRM1555C1H4R0BA01# ±0.25pF GRM1555C1H4R0CA01# 4.1pF ±0.05pF GRM1555C1H4R1WA01# ±0.1pF GRM1555C1H4R1BA01# ±0.25pF GRM1555C1H4R1CA01# 4.2pF ±0.05pF GRM1555C1H4R2WA01# ±0.1pF GRM1555C1H4R2BA01# ±0.25pF GRM1555C1H4R2CA01# 4.3pF ±0.05pF GRM1555C1H4R3WA01# ±0.1pF GRM1555C1H4R3BA01# ±0.25pF GRM1555C1H4R3CA01# 4.4pF ±0.05pF GRM1555C1H4R4WA01# ±0.1pF GRM1555C1H4R4BA01# ±0.25pF GRM1555C1H4R4CA01# 4.5pF ±0.05pF GRM1555C1H4R5WA01# ±0.1pF GRM1555C1H4R5BA01# ±0.25pF GRM1555C1H4R5CA01# 4.6pF ±0.05pF GRM1555C1H4R6WA01# ±0.1pF GRM1555C1H4R6BA01# ±0.25pF GRM1555C1H4R6CA01# 4.7pF ±0.05pF GRM1555C1H4R7WA01# ±0.1pF GRM1555C1H4R7BA01# ±0.25pF GRM1555C1H4R7CA01# 4.8pF ±0.05pF GRM1555C1H4R8WA01# ±0.1pF GRM1555C1H4R8BA01# ±0.25pF GRM1555C1H4R8CA01# 4.9pF ±0.05pF GRM1555C1H4R9WA01# ±0.1pF GRM1555C1H4R9BA01# ±0.25pF GRM1555C1H4R9CA01# 5.0pF ±0.05pF GRM1555C1H5R0WA01# ±0.1pF GRM1555C1H5R0BA01# ±0.25pF GRM1555C1H5R0CA01# 5.1pF ±0.05pF GRM1555C1H5R1WA01# ±0.1pF GRM1555C1H5R1BA01# ±0.25pF GRM1555C1H5R1CA01# ±0.5pF GRM1555C1H5R1DA01# 5.2pF ±0.05pF GRM1555C1H5R2WA01# ±0.1pF GRM1555C1H5R2BA01# ±0.25pF GRM1555C1H5R2CA01# ±0.5pF GRM1555C1H5R2DA01# 5.3pF ±0.05pF GRM1555C1H5R3WA01# ±0.1pF GRM1555C1H5R3BA01# ±0.25pF GRM1555C1H5R3CA01# ±0.5pF GRM1555C1H5R3DA01# 5.4pF ±0.05pF GRM1555C1H5R4WA01# ±0.1pF GRM1555C1H5R4BA01# ±0.25pF GRM1555C1H5R4CA01# ±0.5pF GRM1555C1H5R4DA01# 5.5pF ±0.05pF GRM1555C1H5R5WA01# ±0.1pF GRM1555C1H5R5BA01# ±0.25pF GRM1555C1H5R5CA01# GRM Series Temperature Compensating Type Part Number List (→ 1.0×0.5mm) T max. Rated Voltage TC Code Cap. Tol. Part Number 0.55mm 50Vdc C0G 5.5pF ±0.5pF GRM1555C1H5R5DA01# 5.6pF ±0.05pF GRM1555C1H5R6WA01# ±0.1pF GRM1555C1H5R6BA01# ±0.25pF GRM1555C1H5R6CA01# ±0.5pF GRM1555C1H5R6DA01# 5.7pF ±0.05pF GRM1555C1H5R7WA01# ±0.1pF GRM1555C1H5R7BA01# ±0.25pF GRM1555C1H5R7CA01# ±0.5pF GRM1555C1H5R7DA01# 5.8pF ±0.05pF GRM1555C1H5R8WA01# ±0.1pF GRM1555C1H5R8BA01# ±0.25pF GRM1555C1H5R8CA01# ±0.5pF GRM1555C1H5R8DA01# 5.9pF ±0.05pF GRM1555C1H5R9WA01# ±0.1pF GRM1555C1H5R9BA01# ±0.25pF GRM1555C1H5R9CA01# ±0.5pF GRM1555C1H5R9DA01# 6.0pF ±0.05pF GRM1555C1H6R0WA01# ±0.1pF GRM1555C1H6R0BA01# ±0.25pF GRM1555C1H6R0CA01# ±0.5pF GRM1555C1H6R0DA01# 6.1pF ±0.05pF GRM1555C1H6R1WA01# ±0.1pF GRM1555C1H6R1BA01# ±0.25pF GRM1555C1H6R1CA01# ±0.5pF GRM1555C1H6R1DA01# 6.2pF ±0.05pF GRM1555C1H6R2WA01# ±0.1pF GRM1555C1H6R2BA01# ±0.25pF GRM1555C1H6R2CA01# ±0.5pF GRM1555C1H6R2DA01# 6.3pF ±0.05pF GRM1555C1H6R3WA01# ±0.1pF GRM1555C1H6R3BA01# ±0.25pF GRM1555C1H6R3CA01# ±0.5pF GRM1555C1H6R3DA01# 6.4pF ±0.05pF GRM1555C1H6R4WA01# ±0.1pF GRM1555C1H6R4BA01# ±0.25pF GRM1555C1H6R4CA01# ±0.5pF GRM1555C1H6R4DA01# 6.5pF ±0.05pF GRM1555C1H6R5WA01# ±0.1pF GRM1555C1H6R5BA01# ±0.25pF GRM1555C1H6R5CA01# ±0.5pF GRM1555C1H6R5DA01# 6.6pF ±0.05pF GRM1555C1H6R6WA01# ±0.1pF GRM1555C1H6R6BA01# ±0.25pF GRM1555C1H6R6CA01# ±0.5pF GRM1555C1H6R6DA01# 6.7pF ±0.05pF GRM1555C1H6R7WA01# ±0.1pF GRM1555C1H6R7BA01# ±0.25pF GRM1555C1H6R7CA01# ±0.5pF GRM1555C1H6R7DA01# 6.8pF ±0.05pF GRM1555C1H6R8WA01# ±0.1pF GRM1555C1H6R8BA01# ±0.25pF GRM1555C1H6R8CA01# ±0.5pF GRM1555C1H6R8DA01# 6.9pF ±0.05pF GRM1555C1H6R9WA01# C02E.pdf Nov.27,2017 ! Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 70 |