| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GRM0332C2A6R9DA01 bảng dữ liệu(PDF) 36 Page - Murata Manufacturing Co., Ltd |
|
|
|||||||||||||||||||||||||||||
GRM0332C2A6R9DA01 bảng dữ liệu(HTML) 36 Page - Murata Manufacturing Co., Ltd |
|
36 / 89 page ![]() Part number # indicates the package specification code. T max. Rated Voltage TC Code Cap. Tol. Part Number 0.55mm 100Vdc CH 82pF ±5% GRM1552C2A820JA01# 100pF ±2% GRM1552C2A101GA01# ±5% GRM1552C2A101JA01# 50Vdc C0G 0.10pF ±0.05pF GRM1555C1HR10WA01# 0.20pF ±0.05pF GRM1555C1HR20WA01# ±0.1pF GRM1555C1HR20BA01# 0.30pF ±0.05pF GRM1555C1HR30WA01# ±0.1pF GRM1555C1HR30BA01# 0.40pF ±0.05pF GRM1555C1HR40WA01# ±0.1pF GRM1555C1HR40BA01# 0.50pF ±0.05pF GRM1555C1HR50WA01# ±0.1pF GRM1555C1HR50BA01# 0.60pF ±0.05pF GRM1555C1HR60WA01# ±0.1pF GRM1555C1HR60BA01# 0.70pF ±0.05pF GRM1555C1HR70WA01# ±0.1pF GRM1555C1HR70BA01# 0.80pF ±0.05pF GRM1555C1HR80WA01# ±0.1pF GRM1555C1HR80BA01# 0.90pF ±0.05pF GRM1555C1HR90WA01# ±0.1pF GRM1555C1HR90BA01# 1.0pF ±0.05pF GRM1555C1H1R0WA01# ±0.1pF GRM1555C1H1R0BA01# ±0.25pF GRM1555C1H1R0CA01# 1.1pF ±0.05pF GRM1555C1H1R1WA01# ±0.1pF GRM1555C1H1R1BA01# ±0.25pF GRM1555C1H1R1CA01# 1.2pF ±0.05pF GRM1555C1H1R2WA01# ±0.1pF GRM1555C1H1R2BA01# ±0.25pF GRM1555C1H1R2CA01# 1.3pF ±0.05pF GRM1555C1H1R3WA01# ±0.1pF GRM1555C1H1R3BA01# ±0.25pF GRM1555C1H1R3CA01# 1.4pF ±0.05pF GRM1555C1H1R4WA01# ±0.1pF GRM1555C1H1R4BA01# ±0.25pF GRM1555C1H1R4CA01# 1.5pF ±0.05pF GRM1555C1H1R5WA01# ±0.1pF GRM1555C1H1R5BA01# ±0.25pF GRM1555C1H1R5CA01# 1.6pF ±0.05pF GRM1555C1H1R6WA01# ±0.1pF GRM1555C1H1R6BA01# ±0.25pF GRM1555C1H1R6CA01# 1.7pF ±0.05pF GRM1555C1H1R7WA01# ±0.1pF GRM1555C1H1R7BA01# ±0.25pF GRM1555C1H1R7CA01# 1.8pF ±0.05pF GRM1555C1H1R8WA01# ±0.1pF GRM1555C1H1R8BA01# ±0.25pF GRM1555C1H1R8CA01# 1.9pF ±0.05pF GRM1555C1H1R9WA01# ±0.1pF GRM1555C1H1R9BA01# ±0.25pF GRM1555C1H1R9CA01# 2.0pF ±0.05pF GRM1555C1H2R0WA01# ±0.1pF GRM1555C1H2R0BA01# ±0.25pF GRM1555C1H2R0CA01# 2.1pF ±0.05pF GRM1555C1H2R1WA01# GRM Series Temperature Compensating Type Part Number List (→ 1.0×0.5mm) T max. Rated Voltage TC Code Cap. Tol. Part Number 0.55mm 50Vdc C0G 2.1pF ±0.1pF GRM1555C1H2R1BA01# ±0.25pF GRM1555C1H2R1CA01# 2.2pF ±0.05pF GRM1555C1H2R2WA01# ±0.1pF GRM1555C1H2R2BA01# ±0.25pF GRM1555C1H2R2CA01# 2.3pF ±0.05pF GRM1555C1H2R3WA01# ±0.1pF GRM1555C1H2R3BA01# ±0.25pF GRM1555C1H2R3CA01# 2.4pF ±0.05pF GRM1555C1H2R4WA01# ±0.1pF GRM1555C1H2R4BA01# ±0.25pF GRM1555C1H2R4CA01# 2.5pF ±0.05pF GRM1555C1H2R5WA01# ±0.1pF GRM1555C1H2R5BA01# ±0.25pF GRM1555C1H2R5CA01# 2.6pF ±0.05pF GRM1555C1H2R6WA01# ±0.1pF GRM1555C1H2R6BA01# ±0.25pF GRM1555C1H2R6CA01# 2.7pF ±0.05pF GRM1555C1H2R7WA01# ±0.1pF GRM1555C1H2R7BA01# ±0.25pF GRM1555C1H2R7CA01# 2.8pF ±0.05pF GRM1555C1H2R8WA01# ±0.1pF GRM1555C1H2R8BA01# ±0.25pF GRM1555C1H2R8CA01# 2.9pF ±0.05pF GRM1555C1H2R9WA01# ±0.1pF GRM1555C1H2R9BA01# ±0.25pF GRM1555C1H2R9CA01# 3.0pF ±0.05pF GRM1555C1H3R0WA01# ±0.1pF GRM1555C1H3R0BA01# ±0.25pF GRM1555C1H3R0CA01# 3.1pF ±0.05pF GRM1555C1H3R1WA01# ±0.1pF GRM1555C1H3R1BA01# ±0.25pF GRM1555C1H3R1CA01# 3.2pF ±0.05pF GRM1555C1H3R2WA01# ±0.1pF GRM1555C1H3R2BA01# ±0.25pF GRM1555C1H3R2CA01# 3.3pF ±0.05pF GRM1555C1H3R3WA01# ±0.1pF GRM1555C1H3R3BA01# ±0.25pF GRM1555C1H3R3CA01# 3.4pF ±0.05pF GRM1555C1H3R4WA01# ±0.1pF GRM1555C1H3R4BA01# ±0.25pF GRM1555C1H3R4CA01# 3.5pF ±0.05pF GRM1555C1H3R5WA01# ±0.1pF GRM1555C1H3R5BA01# ±0.25pF GRM1555C1H3R5CA01# 3.6pF ±0.05pF GRM1555C1H3R6WA01# ±0.1pF GRM1555C1H3R6BA01# ±0.25pF GRM1555C1H3R6CA01# 3.7pF ±0.05pF GRM1555C1H3R7WA01# ±0.1pF GRM1555C1H3R7BA01# ±0.25pF GRM1555C1H3R7CA01# 3.8pF ±0.05pF GRM1555C1H3R8WA01# ±0.1pF GRM1555C1H3R8BA01# ±0.25pF GRM1555C1H3R8CA01# 3.9pF ±0.05pF GRM1555C1H3R9WA01# C02E.pdf Nov.27,2017 ! Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 69 |