| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GRM0332C2A6R9DA01 bảng dữ liệu(PDF) 58 Page - Murata Manufacturing Co., Ltd |
|
|
|||||||||||||||||||||||||||||
GRM0332C2A6R9DA01 bảng dữ liệu(HTML) 58 Page - Murata Manufacturing Co., Ltd |
|
58 / 89 page ![]() Part number # indicates the package specification code. T max. Rated Voltage TC Code Cap. Tol. Part Number 0.7mm 50Vdc CH 1500pF ±5% GRM2162C1H152JA01# 1800pF ±5% GRM2162C1H182JA01# 2200pF ±5% GRM2162C1H222JA01# 2700pF ±5% GRM2162C1H272JA01# 3300pF ±5% GRM2162C1H332JA01# 3900pF ±5% GRM2162C1H392JA01# 4700pF ±5% GRM2162C1H472JA01# SL 12000pF ±5% GRM2161X1H123JA01# 15000pF ±5% GRM2161X1H153JA01# 18000pF ±5% GRM2161X1H183JA01# U2J 12000pF ±5% GRM2167U1H123JA01# 15000pF ±5% GRM2167U1H153JA01# 18000pF ±5% GRM2167U1H183JA01# UJ 10000pF ±5% GRM2163U1H103JA01# 12000pF ±5% GRM2163U1H123JA01# 15000pF ±5% GRM2163U1H153JA01# 18000pF ±5% GRM2163U1H183JA01# 0.95mm 50Vdc C0G 5600pF ±5% GRM2195C1H562JA01# 6800pF ±5% GRM2195C1H682JA01# 8200pF ±5% GRM2195C1H822JA01# 10000pF ±5% GRM2195C1H103JA01# 12000pF ±5% GRM2195C1H123JA01# 15000pF ±5% GRM2195C1H153JA01# CH 5600pF ±5% GRM2192C1H562JA01# 6800pF ±5% GRM2192C1H682JA01# 8200pF ±5% GRM2192C1H822JA01# 10000pF ±5% GRM2192C1H103JA01# 12000pF ±5% GRM2192C1H123JA01# 15000pF ±5% GRM2192C1H153JA01# SL 22000pF ±5% GRM2191X1H223JA01# 27000pF ±5% GRM2191X1H273JA01# U2J 22000pF ±5% GRM2197U1H223JA01# 27000pF ±5% GRM2197U1H273JA01# UJ 22000pF ±5% GRM2193U1H223JA01# 27000pF ±5% GRM2193U1H273JA01# 10Vdc SL 56000pF ±5% GRM2191X1A563JA01# U2J 56000pF ±5% GRM2197U1A563JA01# UJ 56000pF ±5% GRM2193U1A563JA01# 1.0mm 630Vdc C0G 10pF ±5% GRM21A5C2J100JWA1# 12pF ±5% GRM21A5C2J120JWA1# 15pF ±5% GRM21A5C2J150JWA1# 18pF ±5% GRM21A5C2J180JWA1# 22pF ±5% GRM21A5C2J220JWA1# 27pF ±5% GRM21A5C2J270JWA1# 33pF ±5% GRM21A5C2J330JWA1# 39pF ±5% GRM21A5C2J390JWA1# 47pF ±5% GRM21A5C2J470JWA1# 56pF ±5% GRM21A5C2J560JWA1# 68pF ±5% GRM21A5C2J680JWA1# 82pF ±5% GRM21A5C2J820JWA1# 100pF ±5% GRM21A5C2J101JWA1# 120pF ±5% GRM21A5C2J121JWA1# 150pF ±5% GRM21A5C2J151JWA1# 180pF ±5% GRM21A5C2J181JWA1# GRM Series Temperature Compensating Type Part Number List (→ 2.0×1.25mm) T max. Rated Voltage TC Code Cap. Tol. Part Number 1.0mm 630Vdc C0G 220pF ±5% GRM21A5C2J221JWA1# 270pF ±5% GRM21A5C2J271JWA1# 330pF ±5% GRM21A5C2J331JWA1# 390pF ±5% GRM21A5C2J391JWA1# 470pF ±5% GRM21A5C2J471JWA1# 560pF ±5% GRM21A5C2J561JWA1# 250Vdc C0G 10pF ±5% GRM21A5C2E100JW01# 12pF ±5% GRM21A5C2E120JW01# 15pF ±5% GRM21A5C2E150JW01# 18pF ±5% GRM21A5C2E180JW01# 22pF ±5% GRM21A5C2E220JW01# 27pF ±5% GRM21A5C2E270JW01# 33pF ±5% GRM21A5C2E330JW01# 39pF ±5% GRM21A5C2E390JW01# 47pF ±5% GRM21A5C2E470JW01# 56pF ±5% GRM21A5C2E560JW01# 68pF ±5% GRM21A5C2E680JW01# 82pF ±5% GRM21A5C2E820JW01# 100pF ±5% GRM21A5C2E101JW01# 120pF ±5% GRM21A5C2E121JW01# 150pF ±5% GRM21A5C2E151JW01# 180pF ±5% GRM21A5C2E181JW01# 220pF ±5% GRM21A5C2E221JW01# 270pF ±5% GRM21A5C2E271JW01# 330pF ±5% GRM21A5C2E331JW01# 390pF ±5% GRM21A5C2E391JWA1# 470pF ±5% GRM21A5C2E471JWA1# 560pF ±5% GRM21A5C2E561JWA1# 680pF ±5% GRM21A5C2E681JWA1# 820pF ±5% GRM21A5C2E821JWA1# 1000pF ±5% GRM21A5C2E102JWA1# 1200pF ±5% GRM21A5C2E122JWA1# 1500pF ±5% GRM21A5C2E152JWA1# 1800pF ±5% GRM21A5C2E182JWA1# 2200pF ±5% GRM21A5C2E222JWA1# 2700pF ±5% GRM21A5C2E272JWA1# U2J 100pF ±5% GRM21A7U2E101JW31# 120pF ±5% GRM21A7U2E121JW31# 150pF ±5% GRM21A7U2E151JW31# 180pF ±5% GRM21A7U2E181JW31# 220pF ±5% GRM21A7U2E221JW31# 270pF ±5% GRM21A7U2E271JW31# 330pF ±5% GRM21A7U2E331JW31# 390pF ±5% GRM21A7U2E391JW31# 470pF ±5% GRM21A7U2E471JW31# 560pF ±5% GRM21A7U2E561JW31# 680pF ±5% GRM21A7U2E681JW31# 820pF ±5% GRM21A7U2E821JW31# 1000pF ±5% GRM21A7U2E102JW31# 1200pF ±5% GRM21A7U2E122JW31# 1500pF ±5% GRM21A7U2E152JW31# 1800pF ±5% GRM21A7U2E182JW31# 2200pF ±5% GRM21A7U2E222JW31# 200Vdc C0G 10pF ±5% GRM21A5C2D100JW01# C02E.pdf Nov.27,2017 ! Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 91 |